| nhà sản xuất | tên linh kiện | bảng dữ liệu | Giải thích chi tiết về linh kiện |
 Tyco Electronics |
023470-000
|
168Kb / 2P |
Snap-On wire markers
|
|
030648-000
|
168Kb / 2P |
Pre-Printed Wire and Cable Markers
|
 List of Unclassifed Man... |
481-0500
|
118Kb / 2P |
Identification Cable Ties
|
 Weidmuller |
0251311696
|
294Kb / 3P |
CableLine, Conductor and cable markers, 4 - 10mm
October 16, 2021 |
|
0252111696
|
327Kb / 8P |
CableLine, Conductor and cable markers, 1.3 - 3mm
October 17, 2021 |
|
0252611653
|
330Kb / 8P |
CableLine, Conductor and cable markers, 2.5 - 5mm
October 17, 2021 |
|
0252611655
|
330Kb / 8P |
CableLine, Conductor and cable markers, 2.5 - 5mm
October 17, 2021 |
|
0252611657
|
330Kb / 8P |
CableLine, Conductor and cable markers, 2.5 - 5mm
October 17, 2021 |
|
1109180000
|
228Kb / 4P |
THM, Conductor and cable markers, 8.1 - 39.7mm
September 19, 2021 |
|
1109190000
|
229Kb / 4P |
THM, Conductor and cable markers, 39.7 mm
September 19, 2021 |