| nhà sản xuất | tên linh kiện | bảng dữ liệu | Giải thích chi tiết về linh kiện |
 Glenair, Inc. |
ITHC030A18PW
|
191Kb / 2P |
Rear Box Mount Receptacle
|
 Tyco Electronics |
1727981
|
767Kb / 8P |
HDMI 19 POS RECEPTACLE ASSY SMT TYPE
|
 Glenair, Inc. |
880-004R
|
597Kb / 2P |
Rear Panel Mount Receptacle
|
 Molex Electronics Ltd. |
0511102450
|
49Kb / 2P |
2.00mm Pitch, Milli-Grid Receptacle Housing, 24 Circuits, without Center Polarization Key
|
 Global Connector Techno... |
USB4525
|
180Kb / 3P |
USB3.2 Gen 2 Type C Receptacle, Dual Row SMT, Horizontal, Mid Mount, 0.8mm Offset, 24 Pin
08/07/22 |
|
USB3155
|
185Kb / 2P |
Micro USB Receptacle, Type B SMT, Horizontal, Mid-Bottom Mount
9th April 2015 |
|
USB3070
|
200Kb / 2P |
Micro USB Receptacle, Type B, Mid-Mount SMT, Right Angled, Bottom Mount, 1.00mm Offset, Without Peg
4th April 2011 |
 NorComp |
859-004-203R00Y
|
87Kb / 1P |
M12 FEMALE - PANEL MOUNT (REAR) - SOLDER CUP - 4 POS
REV.03 |
|
859-008-103R00Y
|
85Kb / 1P |
M12 MALE - PANEL MOUNT (REAR) - SOLDER CUP - 8 POS
REV.05 |
|
859-008-203R004
|
87Kb / 1P |
M12 FEMALE - PANEL MOUNT (REAR) - SOLDER CUP - 8 POS
REV.03 |