| nhà sản xuất | tên linh kiện | bảng dữ liệu | Giải thích chi tiết về linh kiện |
 ON Semiconductor |
NIF5002N
|
58Kb / 6P |
Self-Protected FET with Temperature and Current Limit
January, 2004 ??Rev. 5 |
|
NIF62514
|
57Kb / 6P |
Self-protected FET with Temperature and Current Limit
April, 2003 - Rev. 3 |
|
NID5001N
|
53Kb / 6P |
Self-protected FET with Temperature and Current Limit
January, 2004 ??Rev. 6 |
|
NIF5003N
|
68Kb / 5P |
Self?뭁rotected FET with Temperature and Current Limit
April, 2006 ??Rev. 2 |
|
NID5003N
|
124Kb / 6P |
Self?뭁rotected FET with Temperature and Current Limit
March, 2006??Rev. 3 |
|
NCV8403
|
172Kb / 12P |
Self-Protected Low Side Driver with Temperature and Current Limit 42 V, 14 A, Single N?묬hannel, SOT??23
February, 2010 ??Rev. 4 |
|
NID5003NT4G
|
112Kb / 5P |
Self-Protected FET with Temperature and Current Limit
September, 2008??Rev. 6 |
|
NCV8403A
|
288Kb / 14P |
Self-Protected Low Side Driver with Temperature and Current Limit 42 V, 14 A, Single N-Channel
August, 2022 - Rev. 14 |
|
NCV8406A
|
247Kb / 12P |
Self-Protected Low Side Driver with Temperature and Current Limit 65 V, 7.0 A, Single N-Channel
January, 2020 - Rev. 9 |
|
NCV8408
|
245Kb / 11P |
Self-Protected Low Side Driver with Temperature and Current Limit 42 V, 10 A, Single N−Channel, DPAK
August, 2022 - Rev. 8 |