| nhà sản xuất | tên linh kiện | bảng dữ liệu | Giải thích chi tiết về linh kiện |
 Schneider Electric |
ZB4BA2
|
385Kb / 13P |
Harmony, 22mm Push Button, flush push button head, spring return, black, unmarked
Oct 4, 2021 |
|
ZB4BA3
|
382Kb / 13P |
Harmony, 22mm Push Button, flush push button head, spring return, green, unmarked
Oct 4, 2021 |
|
ZB4BA4
|
378Kb / 13P |
Harmony, 22mm Push Button, flush push button head, spring return, red, unmarked
Oct 4, 2021 |
|
ZB4BL4
|
381Kb / 13P |
Harmony, 22mm Push Button, no guard push button head, spring return, red, unmarked
Oct 4, 2021 |
|
ZB4BW333
|
382Kb / 13P |
Harmony, 22mm Push Button, illuminated push button head, flush, spring return, green, for integral LED
Oct 4, 2021 |
|
ZBRM22A0
|
125Kb / 4P |
22mm push button, Harmony ZB, wireless and batteryless handy box, 2 simple action buttons, ZBRT1 transmitter
Feb 3, 2022 |
|
ZB4BW343
|
167Kb / 8P |
Harmony, 22mm Push Button, illuminated push button head, flush, spring return, red, for integral LED
Aug 17, 2019 |
|
ZB5AD3
|
188Kb / 10P |
Harmony, 22mm Push Button, selector switch operating head, 3 position, maintained, black, unmarked
Aug 15, 2019 |
|
ZB5AA2
|
410Kb / 12P |
Harmony, 22mm Push Button, flush push button head, spring return, black, unmarked
Mar 7, 2022 |
|
ZB5AA3TQ
|
118Kb / 3P |
22mm push button, Harmony ZB5, plastic base, non illuminated momentary push button, green, bulk packed 100
Mar 7, 2022 |