| nhà sản xuất | tên linh kiện | bảng dữ liệu | Giải thích chi tiết về linh kiện |
 Schneider Electric |
3104140022
|
158Kb / 2P |
NEMA Motor Starter, Type S, replacement coil, 24 VAC 50 Hz, NEMA Size 00, 0 and 1 starters and 8903SM lighting
May 19, 2022 |
|
3104140042
|
132Kb / 2P |
NEMA Motor Starter, Type S, replacement coil, 110/120VAC 50/60Hz, NEMA Size 00, 0 and 1 starters and 8903SM lighting
May 19, 2022 |
|
3104140048
|
114Kb / 2P |
NEMA Motor Starter, Type S, replacement coil, 208VAC 60Hz, NEMA Size 00, 0 and 1 starters and 8903SM lighting
May 19, 2022 |
|
3104140051
|
114Kb / 2P |
NEMA Motor Starter, Type S, replacement coil, 220/240VAC 50/60Hz, NEMA Size 00, 0 and 1 starters and 8903SM lighting
May 19, 2022 |
|
3104140052
|
114Kb / 2P |
NEMA Motor Starter, Type S, replacement coil, 208 VAC 60 Hz, NEMA Size 00, 0 and 1 starters and 8903SM lighting
May 19, 2022 |
|
9999SA10
|
118Kb / 2P |
NEMA Motor Starter and contactor, Type S, on/off push button kit, NEMA 1
May 19, 2022 |
|
9999SB15
|
165Kb / 2P |
NEMA Motor Starter and contactor, Type S, power pole module, 2 normally closed, NEMA size 2
May 19, 2022 |
|
9999SB6
|
157Kb / 2P |
NEMA Motor Starter and contactor, Type S, power pole module, 1 normally open, NEMA Size 0, 1, 30A lighting contactor
May 19, 2022 |
|
9999SC22
|
80Kb / 2P |
NEMA Motor Starter and contactor, Type S, on/off selector switch kit, NEMA 1
May 19, 2022 |
|
9999SF4
|
162Kb / 2P |
NEMA Motor Starter and contactor, Type S, fuse holder kit, 6A, 600 VAC, Type M fuse, two fuses, NEMA 00 to 7
May 19, 2022 |