| nhà sản xuất | tên linh kiện | bảng dữ liệu | Giải thích chi tiết về linh kiện |
 NXP Semiconductors |
PSMN1R8-30BL
|
215Kb / 15P |
N-channel 30 V, 1.8 m logic level MOSFET in D2PAK
Rev. 2-29 February 2012 |
|
PSMN2R7-30BL
|
233Kb / 15P |
N-channel 30 V, 1.8 m logic level MOSFET in D2PAK
Rev. 1-21 March 2012 |
|
PSMN1R8-30BL
|
215Kb / 15P |
N-channel 30 V, 1.8 m logic level MOSFET in D2PAK
Rev. 1-22 March 2012 |
 Nexperia B.V. All right... |
PSMN1R6-30BL
|
816Kb / 15P |
N-channel 30 V 1.9 mΩ logic level MOSFET in D2PAK
Rev. 1 - 22 March 2012 |
|
PSMN1R8-30PL
|
819Kb / 15P |
N-channel 30 V, 1.8 mΩ logic level MOSFET in TO-220
Rev. 02 - 2 November 2010 |
|
PSMN2R7-30BL
|
984Kb / 15P |
N-channel 30 V 3.0 mΩ logic level MOSFET in D2PAK
Rev. 1 - 21 March 2012 |
|
PSMN4R3-30BL
|
810Kb / 15P |
N-channel 30 V 4.1 mΩ logic level MOSFET in D2PAK
Rev. 1 - 22 March 2012 |
|
PSMN017-30BL
|
795Kb / 14P |
N-channel 30 V 17 mΩ logic level MOSFET in D2PAK
Rev. 2 - 3 April 2012 |
|
PSMN022-30BL
|
974Kb / 14P |
N-channel 30 V 22.6 mΩ logic level MOSFET in D2PAK
Rev. 1 - 21 March 2012 |
|
PSMNR90-30BL
|
743Kb / 13P |
N-channel 30 V 1.0 mΩ logic level MOSFET in D2PAK
2 April 2014 |