| nhà sản xuất | tên linh kiện | bảng dữ liệu | Giải thích chi tiết về linh kiện |
 Golledge Electronics Lt... |
GMCF-1010G30D
|
542Kb / 4P |
10.7MHz 8 pole crystal filter with 30.0kHz 6dB bandwidth
|
|
GMCF-1010G20D
|
542Kb / 4P |
10.7MHz 8 pole crystal filter with 20.0kHz 6dB bandwidth
|
|
GMCF-1010G20A
|
541Kb / 4P |
10.7MHz 2 pole crystal filter with 20.0kHz 3dB bandwidth
|
|
GMCF-1010G15B
|
580Kb / 4P |
10.7MHz 4 pole crystal filter with 15.0kHz 3dB bandwidth
|
 Yuechung International ... |
YIC-JT10.7MC1
|
493Kb / 1P |
LTCS10.7 Ssries of ceramic filter SMD Type 10.7MHz
|
 Transko Electronics, In... |
8ZTT
|
405Kb / 1P |
CERAMIC THROUGH HOLE RESONATORS - 3PINS
Rev.1: Jul. 2014 |
|
LT450_455U
|
284Kb / 2P |
CERAMIC FILTER (3pins)
Rev 3: 02-10-2023 |
|
LTC10.7
|
361Kb / 2P |
CERAMIC FILTER (10.7MHz Series, SMD)
Rev 5: 07-31-2023 |
|
LT_LTS
|
370Kb / 1P |
CERAMIC FILTER (MHz band, 3pins)
Rev. 1: Jul. 2014 |
|
XTM
|
368Kb / 1P |
CERAMIC TRAP (3pins type)
Rev. 1: Jul. 2014 |