| nhà sản xuất | tên linh kiện | bảng dữ liệu | Giải thích chi tiết về linh kiện |
 Ulti-Mate Connector Inc |
SD-837022041
|
37Kb / 1P |
Micro Strip Wired 2 Socket One guide post (post on socket side) 26 AWG Stranded w/ Teflon insulation (NEMA HP3-EX) Non-Repeating Colors (Mil-Std-681) 18 Inches Wire Length Plastic Shell 125 Max Temp No QPL
12-14-12 |
|
SD-837022261
|
39Kb / 1P |
Micro Strip Wired 2 Socket One guide post (post on socket side) 26 AWG Stranded w/ Teflon insulation (NEMA HP3-EX) Non-Repeating Colors (Mil-Std-681) 24 Inches Wire Length Plastic Shell 125 Max Temp No QPL
7-7-16 |
|
SD-837031041
|
23Kb / 1P |
Micro Strip Wired 3 Pin One guide post (post on socket side) 26 AWG Stranded w/ Teflon insulation (NEMA HP3-EX) Non-Repeating Colors (Mil-Std-681) 18 Inches Wire Length Plastic Shell 125 Max Temp No QPL
9-1-04 |
|
SD-837032041
|
40Kb / 1P |
Micro Strip Wired 3 Socket One guide post (post on socket side) 26 AWG Stranded w/ Teflon insulation (NEMA HP3-EX) Non-Repeating Colors (Mil-Std-681) 18 Inches Wire Length Plastic Shell 125 Max Temp No QPL
9-1-01 |
|
SD-837052041
|
39Kb / 1P |
Micro Strip Wired 5 Socket One guide post (post on socket side) 26 AWG Stranded w/ Teflon insulation (NEMA HP3-EX) Non-Repeating Colors (Mil-Std-681) 18 Inches Wire Length Plastic Shell 125 Max Temp No QPL
12MAY98 |
|
SD-837071041
|
42Kb / 1P |
Micro Strip Wired 7 Pin One guide post (post on socket side) 26 AWG Stranded w/ Teflon insulation (NEMA HP3-EX) Non-Repeating Colors (Mil-Std-681) 18 Inches Wire Length Plastic Shell 125 Max Temp No QPL
2-26-13 |
|
SD-837071131
|
54Kb / 1P |
Micro Strip Wired 7 Pin One guide post (post on socket side) 26 AWG Stranded w/ Teflon insulation (NEMA HP3-EX) Non-Repeating Colors (Mil-Std-681) 6 Inches Wire Length Plastic Shell 125 Max Temp No QPL
7/9/13 |
|
SD-837081911
|
43Kb / 1P |
Micro Strip Wired 8 Pin One guide post (post on socket side) 28 AWG Stranded w/ Teflon insulation (NEMA HP3-EX) Non-Repeating Colors (Mil-Std-681) 40.0 Inches Wire Length Plastic Shell 125 Max Temp No QPL
3-23-12 |
|
SD-837101041
|
55Kb / 1P |
Micro Strip Wired 10 Pin One guide post (post on socket side) 26 AWG Stranded w/ Teflon insulation (NEMA HP3-EX) Non-Repeating Colors (Mil-Std-681) 18 Inches Wire Length Plastic Shell 125 Max Temp No QPL
7-2-12 |
|
SD-837102041
|
56Kb / 1P |
Micro Strip Wired 10 Socket One guide post (post on socket side) 26 AWG Stranded w/ Teflon insulation (NEMA HP3-EX) Non-Repeating Colors (Mil-Std-681) 18 Inches Wire Length Plastic Shell 125 Max Temp No QPL
7-2-12 |