| nhà sản xuất | tên linh kiện | bảng dữ liệu | Giải thích chi tiết về linh kiện |
 Ulti-Mate Connector Inc |
SD-432411827
|
55Kb / 1P |
Nano-D PCB 9 Socket Threaded Hole 2 Row Thru-Hole .050 x .050 (style 8) Right Angle Gold Plated Finish 0.109 Tail Length Nickel Metal Shell 200 Max Temp No QPL
05-27-15 |
|
SD-822090002
|
41Kb / 1P |
Nano Circular Solder Cup 7 Socket No Hardware Tin Lead Finish Plastic Shell 125 Max Temp No QPL
02-13-12 |
|
SD-832311817
|
58Kb / 1P |
Nano-D PCB 9 Pin Threaded Hole 2 Row Thru-Hole .050 x .050 (style 8) Right Angle Tin Lead Finish Nickel Metal Shell 125 Max Temp No QPL
03-09-10 |
|
SD-832311827
|
56Kb / 1P |
Nano-D PCB 9 Pin Threaded Hole 2 Row Thru-Hole .050 x .050 (style 8) Right Angle Gold Plated Finish Nickel Metal Shell 125 Max Temp No QPL
03-09-15 |
|
SD-832381712
|
56Kb / 1P |
Nano-D PCB 65 Pin Allen Head Jackscrew 2 Row SMT .025 x .075 (style 36) Vertical Tin Lead Finish Nickel Metal Shell 125 Max Temp No QPL
02-05-15 |
|
SD-832491217
|
59Kb / 1P |
Nano-D PCB 85 Socket Threaded Hole 2 Row SMT .025 x .040 (style 28) Right Angle Tin Lead Finish Nickel Metal Shell 125 Max Temp No QPL
12-09-13 |
|
SD-836141828
|
49Kb / 1P |
Micro-D PCB Standard Profile 25 Pin Jack Post Thru-Hole .075 x .100 (style 8) Right Angle Threaded Insert Tin 0.14 Tail Length Nickel Metal Shell 125 Max Temp No QPL
10-15-10 |
|
SD-837085020
|
32Kb / 1P |
Nano Strip PCB 8 Pin No Hardware SMT Right Angle None Plastic Shell 125 Max Temp No QPL
9-24-08 |
|
SD-837085120
|
38Kb / 1P |
Nano Strip PCB 8 Pin No Hardware Thru-Hole .050 inline (style L03) Right Angle None Plastic Shell 125 Max Temp No QPL
9-24-08 |
|
SD-837086020
|
35Kb / 1P |
Nano Strip PCB 8 Socket No Hardware SMT Right Angle None Plastic Shell 125 Max Temp No QPL
9-24-08 |