| nhà sản xuất | tên linh kiện | bảng dữ liệu | Giải thích chi tiết về linh kiện |
 Ulti-Mate Connector Inc |
SD-436221817
|
130Kb / 1P |
MICRO-D CONNECTOR, CIRCUIT SEIRES, STYLE 8, SIZE 15 CM8R15S07-S01-HT
10/05/2012 |
|
SD-836111117
|
87Kb / 1P |
MICRO-D CIRCUIT CONNECTOR, PLUG, STYLE 1, SIZE 9, CM1R09P07-S01
9-20-13 |
|
SD-836131818
|
94Kb / 1P |
MICRO-D CIRCUIT CONNECTOR, PLUG, SIZE 21, STYLE 8, THD INSERTS, NICKEL PLATED CM8R21P07T-S01
6/22/16 |
|
SD-836151128
|
154Kb / 1P |
MICRO-D CIRCUIT CONNECTOR, PLUG, STYLE 1, SIZE 31 CM1R31P07T-0.140-S01
10-23-14 |
|
SD-836161117
|
122Kb / 1P |
MICRO-D CIRCUIT CONNECTOR, PLUG, SIZE 37, STYLE 1, NICKEL PLATED, CM1R37P07-S01
6/7/16 |
|
SD-836161417
|
93Kb / 1P |
MICRO-D CIRCUIT CONNECTOR, PLUG (PINS), STYLE 4, 37 POSITION CM4R37P07-S01
7-9-15 |
|
SD-836211118
|
102Kb / 1P |
MICRO-D CIRCUIT CONNECTOR, RECEPTACLE, SIZE 9, STYLE 1, JACKPOST/THD. MTN. HOLES, NICKEL PLATED, CM1R09S07T-S01
2/20/18 |
|
SD-836241317
|
133Kb / 1P |
MICRO-D CIRCUIT CONNECTOR, CM9R25S07-S01, NICKEL PLATED SHELL
3/9/20 |
|
SD-839040076
|
78Kb / 1P |
MICRO-D CIRCUIT CONNECTOR, RECEPTACLE, SIZE 15, STYLE 1, JACKPOST, HIGH-TEMP CM1R15S07-S01-HT
8/7/17 |
|
SD-839040081
|
109Kb / 1P |
MICRO-D CIRCUIT CONNECTOR, PLUG, STYLE 1, SIZE 37, HI - TEMP CM1R37P07-S01-HT-SPL-0
07/12/2013 |