| nhà sản xuất | tên linh kiện | bảng dữ liệu | Giải thích chi tiết về linh kiện |
 Ulti-Mate Connector Inc |
SD-434131180
|
257Kb / 1P |
Micro-D Wired Standard Profile 21 Pin No Hardware 26 AWG Stranded w/ Teflon insulation (SAE-AS22759/11) Non-Repeating Colors (Mil-Std-681) 18 Inches Wire Length Nickel Metal Shell 200 Max Temp No QPL
7/28/15 |
|
SD-434221182
|
46Kb / 1P |
Micro-D Wired Standard Profile 15 Socket Allen Head Jackscrew 26 AWG Stranded w/ Teflon insulation (SAE-AS22759/11) Non-Repeating Colors (Mil-Std-681) 18 Inches Wire Length Nickel Metal Shell 200 Max Temp No QPL
1-20-14 |
|
SD-434241182
|
50Kb / 1P |
Micro-D Wired Standard Profile 25 Socket Allen Head Jackscrew 26 AWG Stranded w/ Teflon insulation (SAE-AS22759/11) Non-Repeating Colors (Mil-Std-681) 18 Inches Wire Length Nickel Metal Shell 200 Max Temp No QPL
1-20-14 |
|
SD-434271182
|
53Kb / 1P |
Micro-D Wired Standard Profile 51 Socket Allen Head Jackscrew 26 AWG Stranded w/ Teflon insulation (SAE-AS22759/11) Non-Repeating Colors (Mil-Std-681) 18 Inches Wire Length Nickel Metal Shell 200 Max Temp No QPL
1-20-14 |
|
SD-834110182
|
42Kb / 1P |
Micro-D Wired Standard Profile 9 Pin Allen Head Jackscrew 26 AWG Stranded w/ Teflon insulation (SAE-AS22759/11) Non-Repeating Colors (Mil-Std-681) 18 Inches Wire Length Cadmium Metal Shell 125 Max Temp No QPL
12-5-11 |
|
SD-834120186
|
44Kb / 1P |
Micro-D Wired Standard Profile 15 Pin High Profile Slotted Head Jackscrew 26 AWG Stranded w/ Teflon insulation (SAE-AS22759/11) Non-Repeating Colors (Mil-Std-681) 18 Inches Wire Length Cadmium Metal Shell 125 Max Temp No QPL
10-12-06 |
|
SD-834120392
|
44Kb / 1P |
Micro-D Wired Standard Profile 15 Pin Allen Head Jackscrew 26 AWG Stranded w/ Teflon insulation (SAE-AS22759/11) Non-Repeating Colors (Mil-Std-681) 36 Inches Wire Length Cadmium Metal Shell 125 Max Temp No QPL
9-12-14 |
|
SD-834130182
|
55Kb / 1P |
Micro-D Wired Standard Profile 21 Pin Allen Head Jackscrew 26 AWG Stranded w/ Teflon insulation (SAE-AS22759/11) Non-Repeating Colors (Mil-Std-681) 18 Inches Wire Length Cadmium Metal Shell 125 Max Temp No QPL
12-6-10 |
|
SD-834141275
|
44Kb / 1P |
Micro-D Wired Standard Profile 25 Pin Slotted Head Jackscrew 24 AWG Stranded w/ Teflon insulation (SAE-AS22759/11) Non-Repeating Colors (Mil-Std-681) 48 Inches Wire Length Nickel Metal Shell 125 Max Temp No QPL
1-9-12 |
|
SD-834210187
|
43Kb / 1P |
Micro-D Wired Standard Profile 9 Socket Jack Post 26 AWG Stranded w/ Teflon insulation (SAE-AS22759/11) Non-Repeating Colors (Mil-Std-681) 18 Inches Wire Length Cadmium Metal Shell 125 Max Temp No QPL
10-18-11 |