| nhà sản xuất | tên linh kiện | bảng dữ liệu | Giải thích chi tiết về linh kiện |
 Ulti-Mate Connector Inc |
SD-434121130
|
212Kb / 1P |
Micro-D Wired Standard Profile 15 Pin No Hardware 26 AWG Stranded w/ Teflon insulation (NEMA HP3-EX) Non-Repeating Colors (Mil-Std-681) 60 Inches Wire Length Nickel Metal Shell 200 Max Temp No QPL
9/20/18 |
|
SD-434141070
|
44Kb / 1P |
Micro-D Wired Standard Profile 25 Pin No Hardware 26 AWG Stranded w/ Teflon insulation (NEMA HP3-EX) Non-Repeating Colors (Mil-Std-681) 18 Inches Wire Length Nickel Metal Shell 200 Max Temp No QPL
3-9-18 |
|
SD-834111070
|
39Kb / 1P |
Micro-D Wired Standard Profile 9 Pin No Hardware 26 AWG Stranded w/ Teflon insulation (NEMA HP3-EX) Non-Repeating Colors (Mil-Std-681) 18 Inches Wire Length Nickel Metal Shell 125 Max Temp No QPL
5-14-08 |
|
SD-834111530
|
39Kb / 1P |
Micro-D Wired Standard Profile 9 Pin No Hardware 26 AWG Stranded w/ Teflon insulation (NEMA HP3-EX) Non-Repeating Colors (Mil-Std-681) 36 Inches Wire Length Nickel Metal Shell 125 Max Temp No QPL
3-8-13 |
|
SD-834121530
|
42Kb / 1P |
Micro-D Wired Standard Profile 15 Pin No Hardware 26 AWG Stranded w/ Teflon insulation (NEMA HP3-EX) Non-Repeating Colors (Mil-Std-681) 36 Inches Wire Length Nickel Metal Shell 125 Max Temp No QPL
9-17-12 |
|
SD-834141070
|
41Kb / 1P |
Micro-D Wired Standard Profile 25 Pin No Hardware 26 AWG Stranded w/ Teflon insulation (NEMA HP3-EX) Non-Repeating Colors (Mil-Std-681) 18 Inches Wire Length Nickel Metal Shell 125 Max Temp No QPL
5-14-08 |
|
SD-834151030
|
46Kb / 1P |
Micro-D Wired Standard Profile 31 Pin No Hardware 26 AWG Stranded w/ Teflon insulation (NEMA HP3-EX) Non-Repeating Colors (Mil-Std-681) 72 Inches Wire Length Nickel Metal Shell 125 Max Temp No QPL
3-21-17 |
|
SD-834211070
|
41Kb / 1P |
Micro-D Wired Standard Profile 9 Pin No Hardware 26 AWG Stranded w/ Teflon insulation (NEMA HP3-EX) Non-Repeating Colors (Mil-Std-681) 18 Inches Wire Length Nickel Metal Shell 125 Max Temp No QPL
1-5-12 |
|
SD-839040018
|
41Kb / 1P |
Micro-D Wired Standard Profile 15 Pin No Hardware 26 AWG Stranded w/ Teflon insulation (NEMA HP3-EX) Non-Repeating Colors (Mil-Std-681) 18 Inches Wire Length Nickel Metal Shell 200 Max Temp No QPL
8-4-11 |
|
SD-839040136
|
42Kb / 1P |
Micro-D Wired Standard Profile 9 Socket No Hardware 26 AWG Stranded w/ Teflon insulation (NEMA HP3-EX) Non-Repeating Colors (Mil-Std-681) 36 Inches Wire Length Nickel Metal Shell 200 Max Temp No QPL
8-13-18 |