| nhà sản xuất | tên linh kiện | bảng dữ liệu | Giải thích chi tiết về linh kiện |
 Molex Electronics Ltd. |
1300080073
|
28Kb / 2P |
Mini-Change B-Size Single-Ended Cordset, 10 Poles, Female (Straight) to Pigtail, 22 AWG, PVC Cable, 5.0m (16.40) Length
02/27/2023 |
|
1300080187
|
22Kb / 1P |
Mini-Change C-Size Single-Ended Cordset, 12 Poles, Female (Straight) to Pigtail, 16 AWG, PVC Cable, 5.0m (16.40) Length
03/15/2023 |
|
1300080279
|
28Kb / 2P |
Mini-Change C-Size Single-Ended Cordset, 12 Poles, Female (90°) to Pigtail, 18 & 22 AWG, Yellow PVC Cable, 5.0m (16.40) Length
03/20/2023 |
|
1300080295
|
27Kb / 1P |
Mini-Change C-Size Single-Ended Cordset, 19 Poles, Female (Straight) to Pigtail, 18 and 22 AWG, PVC Cable, 10.0m (32.81) Length
02/28/2023 |
|
1300080303
|
36Kb / 1P |
Mini-Change C-Size Single-Ended Cordset, 19 Poles, Female (Straight) to Pigtail, 18 and 22 AWG, PUR Cable, 5.0m (16.40) Length
02/01/2023 |
|
1300080312
|
27Kb / 1P |
Mini-Change C-Size Single-Ended Cordset, 19 Poles, Female (90°) to Pigtail, 18 and 22 AWG, PVC Cable, 5.0m (16.40) Length
02/01/2023 |
|
1300080315
|
27Kb / 1P |
Mini-Change C-Size Single-Ended Cordset, 19 Poles, Female (90°) to Pigtail, 18 and 22 AWG, PUR Cable, 5.0m (16.40) Length
02/01/2023 |
|
1300080489
|
27Kb / 1P |
Mini-Change C-Size Single-Ended Cordset, 10 Poles, Female (90°) to Pigtail, 22 AWG, PVC Cable, 5.0m (16.40) Length
02/02/2023 |
|
1300088058
|
39Kb / 1P |
Mini-Change C-Size Single-Ended Cordset, 12 Poles, Female (Straight) to Pigtail, 19 & 22 AWG, Black TPU Cable, 5.0m (16.40) Length
04/26/2023 |
|
1300088079
|
43Kb / 1P |
Mini-Change C-Size Single-Ended Cordset, 19 Poles, Female (Straight) to Pigtail, 19 & 22 AWG, Black TPU Cable, 5.0m (16.40) Length
03/15/2023 |