| nhà sản xuất | tên linh kiện | bảng dữ liệu | Giải thích chi tiết về linh kiện |
 Molex Electronics Ltd. |
1300061179
|
38Kb / 1P |
Mini-Change A-Size Single-Ended Cordset, 5 Poles, Female (Straight) to Pigtail, 16 AWG, Yellow PVC Cable, 6.10m (20.0) Length
03/22/2023 |
|
1300061600
|
44Kb / 2P |
Mini-Change A-Size Single-Ended Cordset, 6 Poles, Female (Straight) to Pigtail, 16 AWG, Yellow PVC Cable, 6.10m (20.0) Length
03/21/2023 |
|
1300070028
|
28Kb / 2P |
Mini-Change B-Size Single-Ended Cordset, 6 Poles, Female (Straight) to Pigtail, 16 AWG, Yellow PVC Cable, 6.10m (20.0) Length
03/20/2023 |
|
1300070071
|
28Kb / 2P |
Mini-Change B-Size Single-Ended Cordset, 7 Poles, Female (Straight) to Pigtail, 16/7 AWG, Yellow PVC Cable, 0.91m (3.0) Length
03/13/2023 |
|
1300070073
|
45Kb / 2P |
Mini-Change B-Size Single-Ended Cordset, 7 Poles, Female (Straight) to Pigtail, 16/7 AWG, Yellow PVC Cable, 1.83m (6.0) Length
03/22/2023 |
|
1300070076
|
28Kb / 2P |
Mini-Change B-Size Single-Ended Cordset, 7 Poles, Female (Straight) to Pigtail, 16/7 AWG, Yellow PVC Cable, 3.66m (12.0) Length
03/24/2023 |
|
1300070149
|
55Kb / 2P |
Mini-Change B-Size Single-Ended Cordset, 8 Poles, Female (Straight) to Pigtail, 16 AWG, Yellow PVC Cable, 6.10m (20.0) Length
04/24/2023 |
|
1300070204
|
39Kb / 2P |
Mini-Change B-Size Single-Ended Cordset, 8 Poles, Male (Straight) to Pigtail, 16 AWG, Yellow PVC Cable, 6.10m (20.0) Length
04/18/2023 |
|
1300080033
|
28Kb / 2P |
Mini-Change C-Size Single-Ended Cordset, 10 Poles, Female (Straight) to Pigtail, 16 AWG, Yellow PVC Cable, 6.10m (20.0) Length
04/24/2023 |
|
1300080332
|
28Kb / 2P |
Mini-Change C-Size Single-Ended Cordset, 9 Poles, Female (Straight) to Pigtail, 16 AWG, Yellow PVC Cable, 6.10m (20.0) Length
04/04/2023 |