| nhà sản xuất | tên linh kiện | bảng dữ liệu | Giải thích chi tiết về linh kiện |
 Semtech Corporation |
TSDMTX-5V2-EVM
|
5Mb / 24P |
Wireless Charging Transmitter
|
 Integrated Device Techn... |
P9221-R
|
1Mb / 35P |
Wireless Power Receiver for 15W Applications
|
 Renesas Technology Corp |
RAA458100GNP
|
366Kb / 24P |
Wireless Charging System Transmitter IC for Low Power Applications
|
 Integrated Device Techn... |
P9260
|
158Kb / 2P |
15W Wireless Power Transmitter
|
 Tripp Lite. All Rights ... |
U280-Q01FL-BK-2
|
176Kb / 3P |
15W Smartphone Wireless Fast Charging Pad, Black
|
 Infineon Technologies A... |
WLC1115
|
500Kb / 40P |
Wireless charging IC (WLC) - Transmitter 15W with integrated USB Type-C PD controller
Rev. B 2022-04-22 |
 Renesas Technology Corp |
P9221-R
|
1Mb / 38P |
Wireless Power Receiver for 15W Applications
October 10, 2017 |
|
P9241-G
|
1Mb / 40P |
Wireless Power Transmitter for Smartphones with Fast Charging Modes for 5W, 7.5W, and 10W Applications
March 8, 2019 |
|
P9242-R
|
1Mb / 38P |
Wireless Power Transmitter for 15W Applications
January 16, 2018 |
|
P9242-R3
|
1Mb / 44P |
15W Wireless Charging Transmitter with Bi-directional Data Communication
May 17, 2019 |