| nhà sản xuất | tên linh kiện | bảng dữ liệu | Giải thích chi tiết về linh kiện |
 Molex Electronics Ltd. |
1201080174
|
50Kb / 2P |
Micro-Change (M12) Double-Ended Cordset, 4 Poles, Male (90°) to Male (90°), 26 AWG, PVC Cable, 1.0m (3.28) Length
02/02/2023 |
|
1201080295
|
28Kb / 2P |
Micro-Change (M12) Double-Ended Cordset, 4 Poles, Male (90°) to Male (90°), 22 AWG, PUR Cable, 1.0m (3.28) Length
02/02/2023 |
|
1201088005
|
27Kb / 1P |
Micro-Change (M12) Double-Ended Cordset, 4 Poles, Male (90°) to Male (90°), 26 AWG, PVC Cable, 1.0m (3.28) Length
02/01/2023 |
|
1300480145
|
28Kb / 2P |
Micro-Change (M12) Double-Ended Cordset, 4 Poles, Male (Straight) to Male (90°), 22 AWG, PUR Cable, 1.0m (3.28) Length
01/31/2023 |
|
1300480170
|
27Kb / 2P |
Micro-Change (M12) Double-Ended Cordset, 4 Poles, Male (90°) to Male (90°), 22 AWG, PUR Cable, 1.0m (3.28) Length
01/31/2023 |
|
1300480179
|
28Kb / 2P |
Micro-Change (M12) Double-Ended Cordset, 4 Poles, Male (90°) to Male (90°), 26 AWG, PVC Cable, 1.0m (3.28) Length
02/01/2023 |
|
1200660854
|
49Kb / 2P |
Micro-Change (M12) Double-Ended Cordset, 4 Poles, Female (Straight) to Male (Straight), 18 AWG, PUR Cable, 1.0m (3.28) Length
02/01/2023 |
|
1200665404
|
43Kb / 2P |
Micro-Change (M12) Double-Ended Cordset, 12 Poles, Female (Straight) to Male (Straight), 26 AWG, PUR Cable, 1.0m (3.28) Length
02/13/2023 |
|
1200665406
|
49Kb / 1P |
Micro-Change (M12) Double-Ended Cordset, 12 Poles, Female (Straight) to Male (90°), 26 AWG, PUR Cable, 1.0m (3.28) Length
09/04/2022 |
|
1200665407
|
49Kb / 2P |
Micro-Change (M12) Double-Ended Cordset, 12 Poles, Female (90°) to Male (90°), 26 AWG, PUR Cable, 1.0m (3.28) Length
02/02/2023 |