| nhà sản xuất | tên linh kiện | bảng dữ liệu | Giải thích chi tiết về linh kiện |
 Infineon Technologies A... |
IKW20N60H3
|
2Mb / 16P |
IGBT in Trench and Fieldstop technology with soft, fast recovery anti-parallel diode
Rev.2.2,2014-03-12 |
 Alpha & Omega Semicondu... |
AOD6B65MQ1E
|
707Kb / 8P |
650V, 6A AlphaIGBTTM With Soft and Fast Recovery Anti-Parallel Diode
Rev.1.0 November 2019 |
|
AOD8B65MQ1
|
567Kb / 9P |
650V, 8A AlphaIGBTTM With Soft and Fast Recovery Anti-Parallel Diode
Rev.2.0 September 2021 |
|
AOGF60B65H2AL
|
572Kb / 8P |
650V, 60A AlphaIGBTTM With Soft and Fast Recovery Anti-Parallel Diode
Rev.1.1 October 2021 |
|
AOK40B65HQ1
|
539Kb / 9P |
650V, 40A AlphaIGBTTM With soft and fast recovery anti-parallel diode
Rev.1.0: October 2019 |
|
AOK40B65HQ3
|
523Kb / 8P |
650V, 40A AlphaIGBTTM With soft and fast recovery anti-parallel diode
Rev.1.0: March 2020 |
|
AOT10B65MQ2
|
546Kb / 8P |
650V, 10A AlphaIGBTTM With Soft and Fast Recovery Anti-Parallel Diode
Rev.1.0 December 2019 |
|
AOT15B65MQ1
|
589Kb / 8P |
650V, 15A AlphaIGBTTM With Soft and Fast Recovery Anti-Parallel Diode
Rev.1.0 October 2019 |
|
AOTF8B65MQ1
|
660Kb / 8P |
650V, 8A AlphaIGBTTM With Soft and Fast Recovery Anti-Parallel Diode
Rev.2.0 January 2021 |
|
AOTF15B65MQ1
|
553Kb / 9P |
650V, 15A AlphaIGBTTM With Soft and Fast Recovery Anti-Parallel Diode
Rev.2.0 February 2021 |