| nhà sản xuất | tên linh kiện | bảng dữ liệu | Giải thích chi tiết về linh kiện |
 Molex Electronics Ltd. |
1200652159
|
31Kb / 2P |
Micro-Change (M12) Single-Ended Cordset, 5 Poles, Male (90°) to Pigtail, 18 AWG, Yellow TPE Cable, 2.0m (6.56) Length
02/01/2023 |
|
1200660402
|
44Kb / 2P |
Micro-Change (M12) Double-Ended Cordset, 4 Poles, Male (90°) to Female (Straight), 22 AWG, Yellow TPE Cable, 2.0m (6.56) Length
02/13/2023 |
|
1200660689
|
34Kb / 2P |
Micro-Change (M12) Double-Ended Cordset, 4 Poles, Male (Straight) to Female (Straight), 22 AWG, Yellow TPE Cable, 2.0m (6.56) Length
01/31/2023 |
|
1200660904
|
35Kb / 2P |
Micro-Change (M12) Double-Ended Cordset, 4 Poles, Male (Straight) to Female (Straight), 18 AWG, Yellow TPE Cable, 12.0m (6.56) Length
02/09/2023 |
|
1200660935
|
49Kb / 2P |
Micro-Change (M12) Double-Ended Cordset, 4 Poles, Female (90°) to Male (Straight), 18 AWG, PUR Cable, 2.0m (6.56) Length
02/02/2023 |
|
1200661014
|
44Kb / 2P |
Micro-Change (M12) Double-Ended Cordset, 4 Poles, Male (90°) to Female (Straight), 18 AWG, Yellow TPE Cable, 2.0m (6.56) Length
01/31/2023 |
|
1200661035
|
35Kb / 2P |
Micro-Change (M12) Double-Ended Cordset, 5 Poles, Male (Straight) to Female (Straight), 18 AWG, Yellow TPE Cable, 2.0m (6.56) Length
01/02/2023 |
|
1200661047
|
35Kb / 2P |
Micro-Change (M12) Double-Ended Cordset, 5 Poles, Male (Straight) to Female (90°), 18 AWG, Yellow TPE Cable, 2.0m (6.56) Length
01/31/2023 |
|
1200661384
|
49Kb / 2P |
Micro-Change (M12) Double-Ended Cordset, 4 Poles, Male (90°) to Female (90°), 22 AWG, Yellow TPE Cable, 2.0m (6.56) Length
01/31/2023 |
|
1200662181
|
34Kb / 2P |
Micro-Change (M12) Double-Ended Cordset, 5 Poles, Male (Straight) to Female (Straight), 18 AWG, Yellow TPE Cable, Red Overmold, 2.0m (6.56) Length
02/09/2023 |