| nhà sản xuất | tên linh kiện | bảng dữ liệu | Giải thích chi tiết về linh kiện |
 Molex Electronics Ltd. |
1201080313
|
27Kb / 1P |
Ultra-Lock (M12) D-Coded to RJ-45 Adapter, Straight to Straight, 4-Pole Female to RJ45 Male, Unshielded TPE, 2.0m (6.56) Length
11/18/2022 |
|
1201080349
|
27Kb / 1P |
Ultra-Lock (M12) D-Coded to RJ-45 Adapter, Straight to Straight, 4-Pole Female to RJ45 Male, Unshielded TPE, 3.0m (9.84) Length
11/18/2022 |
|
1201080372
|
27Kb / 1P |
Ultra-Lock (M12) D-Coded to RJ-45 Adapter, Straight to Straight, 4-Pole Female to RJ45 Male, Unshielded TPE, 5.0m (16.40) Length
11/17/2022 |
|
1201080675
|
27Kb / 1P |
Ultra-Lock (M12) D-Coded to RJ-45 Adapter, Straight to Straight, 4-Pole Female to RJ45 Male, Unshielded TPE, 1.0m (3.28) Length
10/17/2022 |
|
1300540020
|
39Kb / 1P |
Ultra-Lock (M12) D-Coded to RJ-45 Adapter, Straight to Straight, 4-Pole Female to RJ45 Male, Unshielded PVC, 0.050m (1.97") Length
08/26/2022 |
|
1300540021
|
52Kb / 1P |
Ultra-Lock (M12) D-Coded to RJ-45 Adapter, Straight to Straight, 4-Pole Female to RJ45 Male, Unshielded PVC, 2.0m (6.56) Length
08/27/2022 |
|
1300540022
|
52Kb / 1P |
Ultra-Lock (M12) D-Coded to RJ-45 Adapter, Straight to Straight, 4-Pole Female to RJ45 Male, Unshielded PVC, 3.0m (9.84) Length
08/27/2022 |
|
1300540023
|
43Kb / 1P |
Ultra-Lock (M12) D-Coded to RJ-45 Adapter, Straight to Straight, 4-Pole Female to RJ45 Male, Unshielded PVC, 4.0m (13.12) Length
11/17/2022 |
|
1300580025
|
52Kb / 1P |
Ultra-Lock (M12) D-Coded to RJ-45 Adapter, Straight to Straight, 4-Pole Female to RJ45 Male, Unshielded PVC, 1.0m (3.28) Length
08/26/2022 |
|
1300540048
|
35Kb / 1P |
Micro-Change (M12) D-Coded to RJ-45 Adapter, Straight to Straight, 4-Pole Female to RJ45 Male, 5.0m (16.40) Length
01/24/2023 |