| nhà sản xuất | tên linh kiện | bảng dữ liệu | Giải thích chi tiết về linh kiện |
 Molex Electronics Ltd. |
0734200210
|
52Kb / 1P |
50 Ohms, SMP-MAX Female to 50 Ohms, SMP-MAX Male Bullet,
|
|
0734200380
|
52Kb / 1P |
50 Ohms, SMP-MAX Female to 50 Ohms, SMP-MAX Male Bullet Adapter
|
|
0734205220
|
42Kb / 1P |
50 Ohms, SMP-MAX Plug Bulkhead Slide-to-SMP-MAX Plug Slide Bullet Adapter, Straight, 51.65mm Length, Tray
08/27/2022 |
|
0734205364
|
40Kb / 1P |
50 Ohms, SMP-MAX Jack-to-Jack Bullet Adapter, 11.35mm Length
08/27/2022 |
|
0734205365
|
40Kb / 1P |
50 Ohms, SMP-MAX Jack-to-Jack Bullet Adapter, 14.90mm Length, Tri-M Plating
08/27/2022 |
|
0734205840
|
34Kb / 1P |
50 Ohms, SMP-MAX Evolution Female-to-SMP-MAX Evolution Female Bullet Adapter, 9.50mm Length, Gold Plated Body, Machined Center Contact, Tray
08/26/2022 |
|
0734205861
|
26Kb / 1P |
50 Ohms, SMP-MAX Evolution Female-to-SMP-MAX Evolution Female Bullet Adapter, 12.15mm Length, Tri-Metal Plated Body, Machined Center Contact, Tray
08/27/2022 |
|
0734206171
|
28Kb / 1P |
50 Ohms, SMP-MAX Evolution II Female-to-SMP-MAX Evolution II Female Bullet Adapter, 8.80mm Length, Tri-Metal Plated Body, Machined Center Contact, Tray
08/27/2022 |
|
0734206260
|
27Kb / 1P |
50 Ohms, SMP-MAX Evolution Female-to-SMP-MAX Evolution Female Bullet Adapter, 10.95mm Length, Gold Plated Body, Machined Center Contact, Tray
08/27/2022 |
|
0734206500
|
25Kb / 1P |
50 Ohms, SMP-MAX Evolution 5 Female-to-SMP-MAX Evolution Female Bullet Adapter, 17.60mm Length, Tri-Metal Plated Body, Stamped Center Contact, Tray
08/26/2022 |