| nhà sản xuất | tên linh kiện | bảng dữ liệu | Giải thích chi tiết về linh kiện |
 ON Semiconductor |
NCV8501
|
119Kb / 16P |
Micropower 150 mA LDO Linear Regulators with ENABLE, DELAY, RESET, and Monitor FLAG
September, 2004 ??Rev. 19 |
|
NCV8503
|
106Kb / 14P |
Micropower 400 mA LDO Linear Regulators with ENABLE, DELAY, Adjustable RESET, and General Use Comparator
January, 2004 ??Rev. 14 |
|
NCV8505
|
76Kb / 12P |
Micropower 400 mA LDO Linear Regulators with ENABLE, DELAY, and RESET
January, 2004 ??Rev. 3 |
|
NCV8504
|
101Kb / 14P |
Micropower 400 mA LDO Linear Regulators with DELAY, Adjustable RESET, and General Use Comparator
January, 2004 ??Rev. 14 |
|
NCV8503
|
186Kb / 13P |
Micropower 400 mA LDO Linear Regulators with ENABLE, DELAY, Adjustable RESET, and General Use Comparator
February, 2007 ??Rev. 19 |
|
NCV8504
|
178Kb / 12P |
Micropower 400 mA LDO Linear Regulators with DELAY, Adjustable RESET, and General Use Comparator
February, 2007 ??Rev. 17 |
|
NCV8505
|
164Kb / 12P |
Micropower 400 mA LDO Linear Regulators with ENABLE, DELAY, and RESET
February, 2007 ??Rev. 8 |
|
NCV8506
|
156Kb / 12P |
Micropower 400 mA LDO Linear Regulators with DELAY and RESET
February, 2007 ??Rev. 7 |
|
NCV8504
|
151Kb / 12P |
Micropower 400 mA LDO Linear Regulators
May, 2010 ??Rev. 22 |
|
NCV8505
|
173Kb / 12P |
Micropower 400 mA LDO Linear Regulators
October, 2009 ??Rev. 12 |