| nhà sản xuất | tên linh kiện | bảng dữ liệu | Giải thích chi tiết về linh kiện |
 Diodes Incorporated |
SBR12A45SP5
|
561Kb / 5P |
12A SBR® SUPER BARRIER RECTIFIER POWERDI®
June 2015 |
|
SBR12U45LH1
|
251Kb / 5P |
12A SBR® SUPER BARRIER RECTIFIER POWERDI®5SP-B
July 2014 |
|
SBR545D1
|
80Kb / 4P |
5A SBR® SUPER BARRIER RECTIFIER
February 2012 |
|
SBR5E45P5
|
237Kb / 5P |
5A SBR® SUPER BARRIER RECTIFIER POWERDI®5
July 2015 |
|
SBR8A45SP5
|
357Kb / 5P |
8A SBR® SUPER BARRIER RECTIFIER POWERDI®
June 2015 |
|
SBR8A60P5
|
455Kb / 5P |
8A SBR® SUPER BARRIER RECTIFIER POWERDI®5
March 2015 |
|
SBR8E45P5
|
238Kb / 5P |
8A SBR® SUPER BARRIER RECTIFIER POWERDI®5
August 2015 |
|
SBR8E60P5
|
236Kb / 5P |
8A SBR® SUPER BARRIER RECTIFIER POWERDI®5
July 2015 |
|
SBR8U20SP5Q
|
136Kb / 5P |
8A SBR® SUPER BARRIER RECTIFIER POWERDI®5
June 2013 |
|
SBRT20U100SLP
|
181Kb / 5P |
20A Trench SBR TRENCH SUPER BARRIER RECTIFIER POWERDI®5060
March 2015 |