| nhà sản xuất | tên linh kiện | bảng dữ liệu | Giải thích chi tiết về linh kiện |
 ON Semiconductor |
NTD5865NL
|
275Kb / 7P |
N-Channel Power MOSFET 60 V, 40 A, 16 m廓
June, 2010 -- Rev. 1 |
|
NVD5865NLT4G
|
115Kb / 6P |
Power MOSFET 60 V, 46 A, 16 m, Single N?묬hannel
January, 2013 ??Rev. 2 |
|
NTTFS6H860N
|
208Kb / 7P |
MOSFET - Power, Single N-Channel 80 V, 21.1 m, 33 A
June, 2020 ??Rev. 1 |
|
NVLJWS022N06CL
|
160Kb / 7P |
MOSFET - Power, Single N-Channel 60 V, 21 m, 25 A
April, 2022 ??Rev. 1 |
|
NVTFS6H860N
|
210Kb / 7P |
MOSFET - Power, Single N-Channel 80 V, 21.1 m, 33 A
June, 2020 ??Rev. 1 |
|
NVMFS016N06C
|
189Kb / 7P |
MOSFET- Power, Single N-Channel, SO-8FL 60 V, 15.6 m, 33 A
January, 2020?뭃ev. 0 |
|
NVMTS001N06CL
|
401Kb / 7P |
MOSFET ??Power, Single N-Channel 60 V, 0.81 m, 398.2 A
May, 2021 ??Rev. 2 |
|
NVMYS4D6N06C
|
211Kb / 6P |
MOSFET - Power, Single N-Channel 60 V, 4.7 m, 92 A
October, 2021 ??Rev. 0 |
|
NVMYS7D0N06C
|
214Kb / 6P |
MOSFET - Power, Single N-Channel 60 V, 7.0 m, 66 A
October, 2021 - Rev. 0 |
|
NVMYS025N06CL
|
339Kb / 7P |
MOSFET – Power, Single N-Channel 60 V, 27.5 m, 21 A
July, 2019 - Rev. 0 |