| nhà sản xuất | tên linh kiện | bảng dữ liệu | Giải thích chi tiết về linh kiện |
 Leshan Radio Company |
SB5150
|
172Kb / 7P |
Schottky Barrier Rectifiers Reverse Voltage 150V&200V Forward Current 5.0A
|
 AiT Semiconductor Inc. |
MBR120E
|
484Kb / 5P |
SCHOTTKY BARRIER RECTIFIERS REVERSE VOLTAGE 20V TO 200V FORWARD CURRENT 1.0A
REV1.1 |
|
MBR2100F
|
476Kb / 6P |
SCHOTTKY BARRIER RECTIFIER REVERSE VOLTAGE 20V TO 200V FORWARD CURRENT 2.0A
REV1.2 |
|
MBR220F
|
476Kb / 6P |
SCHOTTKY BARRIER RECTIFIER REVERSE VOLTAGE 20V TO 200V FORWARD CURRENT 2.0A
REV1.2 |
|
MBR240F
|
476Kb / 6P |
SCHOTTKY BARRIER RECTIFIER REVERSE VOLTAGE 20V TO 200V FORWARD CURRENT 2.0A
REV1.2 |
|
MBR320F
|
483Kb / 5P |
SCHOTTKY BARRIER RECTIFIER REVERSE VOLTAGE 20V TO 200V FORWARD CURRENT 3.0A
REV1.0 |
|
SM520A
|
486Kb / 5P |
SCHOTTKY DIODE REVERSE VOLTAGE 20 TO 200V FORWARD CURRENT 5.0A
REV1.0 |
|
SM520BF
|
566Kb / 5P |
SCHOTTKY DIODES REVERSE VOLTAGE 20 TO 200V FORWARD CURRENT 5.0A
REV1.0 |
|
SM520C
|
360Kb / 5P |
SCHOTTKY BARRIER RECTIFIER REVERSE VOLTAGE 20V TO 200V FORWARD CURRENT 5.0A
REV3.1 |
|
SM1100A
|
571Kb / 5P |
SCHOTTKY DIODE REVERSE VOLTAGE 20V TO 200V FORWARD CURRENT 1.0A
REV2.2 |