| nhà sản xuất | tên linh kiện | bảng dữ liệu | Giải thích chi tiết về linh kiện |
 Leshan Radio Company |
LMBR3200FT1G
|
166Kb / 7P |
Schottky Barrier Rectifiers Reverse Voltage 20 to 200V Forward Current 3.0A
|
 AiT Semiconductor Inc. |
MBR120E
|
484Kb / 5P |
SCHOTTKY BARRIER RECTIFIERS REVERSE VOLTAGE 20V TO 200V FORWARD CURRENT 1.0A
REV1.1 |
|
MBR220F
|
476Kb / 6P |
SCHOTTKY BARRIER RECTIFIER REVERSE VOLTAGE 20V TO 200V FORWARD CURRENT 2.0A
REV1.2 |
|
MBR320F
|
483Kb / 5P |
SCHOTTKY BARRIER RECTIFIER REVERSE VOLTAGE 20V TO 200V FORWARD CURRENT 3.0A
REV1.0 |
|
SM120A
|
571Kb / 5P |
SCHOTTKY DIODE REVERSE VOLTAGE 20V TO 200V FORWARD CURRENT 1.0A
REV2.2 |
|
SM220AF
|
312Kb / 5P |
SCHOTTKY DIODE REVERSE VOLTAGE 20V TO 200V FORWARD CURRENT 2.0A
REV1.0 |
|
SM320A
|
722Kb / 5P |
SCHOTTKY DIODE REVERSE VOLTAGE 20 TO 200V FORWARD CURRENT 3.0A
REV1.0 |
|
SM320B
|
392Kb / 5P |
SCHOTTKY DIODE REVERSE VOLTAGE 20V TO 200V FORWARD CURRENT 3.0A
REV1.0 |
|
SM320BF
|
451Kb / 5P |
SCHOTTKY DIODE REVERSE VOLTAGE 20V TO 200V FORWARD CURRENT 3.0A
REV1.1 |
|
SM1100A
|
571Kb / 5P |
SCHOTTKY DIODE REVERSE VOLTAGE 20V TO 200V FORWARD CURRENT 1.0A
REV2.2 |