| nhà sản xuất | tên linh kiện | bảng dữ liệu | Giải thích chi tiết về linh kiện |
 ON Semiconductor |
NVMFS3D6N10MCL
|
162Kb / 6P |
MOSFET - Power, Single N-Channel 100 V, 3.6 m, 132 A
April, 2020 ??Rev. 2 |
|
NVTFS5C478NL
|
208Kb / 7P |
MOSFET ??Power, Single N-Channel 40 V, 14 m, 26 A
September, 2019 ??Rev. 2 |
|
NTMJS0D8N04CL
|
372Kb / 7P |
MOSFET ??Power, Single N-Channel 40 V, 0.72 m, 368 A
November,2019-Rev. 0 |
|
NTMJS0D9N04C
|
372Kb / 7P |
MOSFET ??Power, Single N-Channel 40 V, 0.81 m, 342 A
November, 2019-Rev. 0 |
|
NTMYS003N08LH
|
268Kb / 7P |
MOSFET - Power, Single N-Channel 80 V, 3.3 m, 132 A
February, 2020-Rev. 0 |
|
NTMYS4D5N04C
|
340Kb / 7P |
MOSFET ??Power, Single N-Channel 40 V, 4.5 m, 80 A
November, 2019-Rev. 0 |
|
NVD5C454NL
|
234Kb / 7P |
MOSFET ??Power, Single, N-Channel, 40 V, 3.9 m, 88 A
June, 2019-Rev. 0 |
|
NVD5C486N
|
233Kb / 7P |
MOSFET ??Power, Single, N-Channel 40 V, 17.9 m, 22 A
June, 2019-Rev. 0 |
|
NVD5C486NL
|
234Kb / 7P |
MOSFET ??Power, Single N-Channel 40 V, 16 m, 24 A
June, 2019-Rev. 0 |
|
NVMYS003N08LH
|
269Kb / 7P |
MOSFET - Power, Single N-Channel 80 V, 3.3 m, 132 A
February, 2020 ??Rev.0 |