| nhà sản xuất | tên linh kiện | bảng dữ liệu | Giải thích chi tiết về linh kiện |
 Seoul Semiconductor |
SZ5-MA-W0-00
|
947Kb / 23P |
Designed for high current operation
|
 Inolux Corporation |
IN-C33DTDU1
|
594Kb / 12P |
3535 UVC LED
|
|
IN-C33XTLX
|
1Mb / 15P |
3535 High Power LED
|
 Quelighting Corp |
QLUV03NJEF-257
|
623Kb / 12P |
The high output ceramic type 3030 LEDs, UVC and UVA dual wavelength in LED are designed for high current operation and high power output applications. Quelighting UV LED is ideal UV light source for water disinfection.
1.0 04-20-2020 |
|
QLUV04X3U-XXX
|
1Mb / 14P |
This is the high power LED with reflector type. EMC 3030 UV LED series are designed for high current operation and high power output applications.
1.1 07-10-2021 |
|
QLUV07N2EM-249
|
1Mb / 13P |
The high output ceramic type 3535 LEDs, UVC LED series are designed for high current operation and high power output applications. Quelighting UV LED is ideal UV light source for water disinfection.
1.1 09-08-2020 |
|
QLUV07P2EM-308
|
951Kb / 13P |
The high output ceramic type 3535 with 125 degree view angle LEDs, UVC LED series are designed for high current operation and high power output applications.
1.0 2021-06-16 |
|
QLUV07X3CV-271
|
1Mb / 15P |
The high output ceramic type of 3535 UV LEDs with 60 degree quartz glass lens. High power UV LED series are designed for high current operation and high power output applications.
1.0 09-23-2020 |
|
QLUV10X10CW-269
|
1Mb / 15P |
The high output ceramic type of 7070 UV LEDs with 60 degree quartz glass lens. High power UV LED series are designed for high current operation and high power output applications.
1.0 09-23-2020 |
|
QLUV10X10HW-270
|
1Mb / 15P |
The high output ceramic type of 7070 UV LEDs with 45 degree quartz glass lens. High power UV LED series are designed for high current operation and high power output applications.
1.0 09-23-2020 |