| nhà sản xuất | tên linh kiện | bảng dữ liệu | Giải thích chi tiết về linh kiện |
 Schneider Electric |
VN20
|
127Kb / 3P |
TeSys Mini-VARIO - Switch body for switchdisconnector 3 poles - 20 A
Jul 12, 2021 |
|
VN12
|
127Kb / 3P |
TeSys Mini-VARIO - Switch body for switchdisconnector - 3 poles - 12 A
Jul 12, 2021 |
|
VBF01
|
144Kb / 3P |
TeSys Vario - switch disconnector - 20 A - on door
Jul 12, 2021 |
|
VBDN20
|
170Kb / 3P |
TeSys Mini-Vario - switch disconnector - 20 A - on door
Jul 12, 2021 |
|
VBD01
|
151Kb / 3P |
TeSys Vario - switch disconnector - 20 A - on door
Jul 12, 2021 |
|
V02
|
146Kb / 3P |
TeSys VARIO - Switch body for switchdisconnector - 3 poles - 12 A
Jul 12, 2021 |
|
V01
|
146Kb / 3P |
TeSys VARIO - Switch body for switchdisconnector - 3 poles - 20 A
Jul 12, 2021 |
|
VBDN20
|
189Kb / 3P |
TeSys Mini-Vario - switch disconnector - 20 A - on door
Jun 13, 2022 |
|
VBF01
|
158Kb / 3P |
TeSys Vario - switch disconnector - 20 A - on door
Jun 13, 2022 |
|
VN12
|
143Kb / 3P |
TeSys Mini-VARIO - Switch body for switch-disconnector - 3 poles - 12 A
Jun 13, 2022 |