| nhà sản xuất | tên linh kiện | bảng dữ liệu | Giải thích chi tiết về linh kiện |
 Schneider Electric |
GK1EK
|
155Kb / 2P |
TeSys fuse-disconnector - 3P - 50A - fuse size 14 x 51 mm
Jul 12, 2021 |
|
DFCC1V
|
90Kb / 2P |
Fuse carrier TeSys DF, 1P 30A, fuse class CC, Fuse carrier TeSys DF, 1P 30A, fuse class CC,
Jul 12, 2021 |
|
DFCC1
|
89Kb / 2P |
Fuse carrier TeSys DF, 1P 30A, fuse class CC
Jul 12, 2021 |
|
DFCC1
|
103Kb / 3P |
Fuse carrier TeSys DF, 1P 30A, fuse class CC
May 30, 2022 |
|
GK1EK
|
167Kb / 2P |
TeSys fuse-disconnector - 3P - 50A - fuse size 14 x 51 mm
Jun 2, 2022 |
|
GK1EM
|
152Kb / 2P |
TeSys fuse-disconnector - 4P - 50A - fuse size 14 x 51 mm
Jun 2, 2022 |
|
DF14AP
|
109Kb / 2P |
TeSys fuse-disconnector - assembly kit for DF14 - 1 pin 3 clips
Jun 7, 2022 |
|
DF22AP
|
110Kb / 2P |
TeSys fuse-disconnector - assembly kit for DF22 - 1 pin 3 clips
Jun 7, 2022 |
|
LAD352
|
110Kb / 2P |
TeSys fuse-disconnector - power connection kit
Jun 7, 2022 |
|
LAD3B1
|
148Kb / 2P |
TeSys fuse disconnector - terminal block - upstream
Jun 7, 2022 |