| nhà sản xuất | tên linh kiện | bảng dữ liệu | Giải thích chi tiết về linh kiện |
 Molex Electronics Ltd. |
64001-7670
|
27Kb / 1P |
Crimp Tool Kit for 8 AWG Insulated Ring Terminals
|
|
64001-7770
|
29Kb / 1P |
Crimp Tool Kit for 6 AWG Insulated Ring Terminals
|
|
0640017670
|
27Kb / 1P |
Crimp Tool Kit for 8 AWG Insulated Ring Terminals
|
|
0640017770
|
29Kb / 1P |
Crimp Tool Kit for 6 AWG Insulated Ring Terminals
|
|
0640017870
|
29Kb / 1P |
Hand Crimp Tool for 4 AWG Insulated Ring Terminals
|
|
64003-7770
|
208Kb / 3P |
Hand Crimp Tool for 6 AWG Un-insulated Ring Terminals
03-24-16 |
|
64003-7670
|
344Kb / 3P |
Hand Crimp Tool for 8 AWG Un-insulated Ring Terminals
03-24-16 |
|
ATS-640017670
|
135Kb / 4P |
Crimp Tool Kit for 8 AWG Insulated Ring Terminals
07-16-13 |
|
ATS-640017770
|
128Kb / 4P |
Crimp Tool Kit for 6 AWG Insulated Ring Terminals
07-16-13 |
|
ATS-640037970
|
226Kb / 3P |
Tooling Kit for 2 AWG Un-Insulated Ring Terminals
09-03-15 |