| nhà sản xuất | tên linh kiện | bảng dữ liệu | Giải thích chi tiết về linh kiện |
 Schneider Electric |
8502SBG2V04
|
58Kb / 2P |
NEMA Contactor, Type S, nonreversing, Size 0, NEMA Contactor, Type S, nonreversing, Size 0, pole, 277 VAC coil, NEMA 1
Dec 11, 2020 |
|
3104140022
|
158Kb / 2P |
NEMA Motor Starter, Type S, replacement coil, 24 VAC 50 Hz, NEMA Size 00, 0 and 1 starters and 8903SM lighting
May 19, 2022 |
|
3104140042
|
132Kb / 2P |
NEMA Motor Starter, Type S, replacement coil, 110/120VAC 50/60Hz, NEMA Size 00, 0 and 1 starters and 8903SM lighting
May 19, 2022 |
|
3104140048
|
114Kb / 2P |
NEMA Motor Starter, Type S, replacement coil, 208VAC 60Hz, NEMA Size 00, 0 and 1 starters and 8903SM lighting
May 19, 2022 |
|
3104140051
|
114Kb / 2P |
NEMA Motor Starter, Type S, replacement coil, 220/240VAC 50/60Hz, NEMA Size 00, 0 and 1 starters and 8903SM lighting
May 19, 2022 |
|
3104140053
|
154Kb / 2P |
NEMA Motor Starter, Type S, replacement coil, 240 VAC 50 Hz, NEMA Size 00, 0 and 1 starters and 8903SM lighting
May 19, 2022 |
|
9999SA10
|
118Kb / 2P |
NEMA Motor Starter and contactor, Type S, on/off push button kit, NEMA 1
May 19, 2022 |
|
9999SB15
|
165Kb / 2P |
NEMA Motor Starter and contactor, Type S, power pole module, 2 normally closed, NEMA size 2
May 19, 2022 |
|
9999SC22
|
80Kb / 2P |
NEMA Motor Starter and contactor, Type S, on/off selector switch kit, NEMA 1
May 19, 2022 |
|
3104140057
|
151Kb / 2P |
NEMA Motor Starter, Type S, replacement coil, 380 VAC 50 Hz, NEMA Size 00, 0 and 1 starters and 8903SM lighting
May 19, 2022 |