| nhà sản xuất | tên linh kiện | bảng dữ liệu | Giải thích chi tiết về linh kiện |
 Fairchild Semiconductor |
FDD8647L
|
317Kb / 6P |
N-Channel PowerTrench짰 MOSFET 40 V, 42 A, 9 m廓
|
 ON Semiconductor |
NTB6413AN
|
123Kb / 7P |
N-Channel Power MOSFET 100 V, 42 A, 28 m
July, 2012 ??Rev. 3 |
|
NVTFS5C478NL
|
208Kb / 7P |
MOSFET ??Power, Single N-Channel 40 V, 14 m, 26 A
September, 2019 ??Rev. 2 |
|
NTMFS6H852NL
|
189Kb / 7P |
MOSFET - Power, Single N-Channel 80 V, 13.1 m, 42 A
December, 2019-Rev. 0 |
|
NTMJS0D8N04CL
|
372Kb / 7P |
MOSFET ??Power, Single N-Channel 40 V, 0.72 m, 368 A
November,2019-Rev. 0 |
|
NTMJS0D9N04C
|
372Kb / 7P |
MOSFET ??Power, Single N-Channel 40 V, 0.81 m, 342 A
November, 2019-Rev. 0 |
|
NTMYS013N08LH
|
283Kb / 7P |
MOSFET - Power, Single N-Channel 80 V, 13.1 m, 42 A
February, 2020-Rev. 0 |
|
NVMFS6H852NL
|
189Kb / 7P |
MOSFET - Power, Single N-Channel 80 V, 13.1 m, 42 A
December, 2019?뭃ev. 0 |
|
STTFS015N10MCL
|
325Kb / 9P |
MOSFET - Power, Single N-Channel 100 V, 12.9 m, 42 A
August, 2020 - Rev. 0 |
|
NVMYS013N08LH
|
283Kb / 7P |
MOSFET - Power, Single N-Channel 80 V, 13.1 m, 42 A
February, 2020 - Rev. 0 |