| nhà sản xuất | tên linh kiện | bảng dữ liệu | Giải thích chi tiết về linh kiện |
 ON Semiconductor |
NTP150N65S3HF
|
379Kb / 10P |
MOSFET ??Power, N-Channel, SUPERFET III, FRFET 650 V, 24 A, 150 m
June, 2019-Rev. 0 |
|
NTPF150N65S3HF
|
304Kb / 10P |
MOSFET ??Power, N-Channel, SUPERFET III, FRFET 650 V, 24 A, 150 m
June, 2019-Rev. 1 |
|
NVB082N65S3F
|
242Kb / 9P |
MOSFET - Power, Single N-Channel, D2PAK 650 V, 82 m, 40 A
November, 2020 ??Rev. 4 |
|
NVB110N65S3F
|
242Kb / 9P |
MOSFET ??Power, Single N-Channel, D2PAK 650 V, 110 m, 30 A
November, 2020-Rev. 5 |
|
NVB190N65S3F
|
259Kb / 9P |
MOSFET - Power 650 V, 190 m, 20 A, Single N-Channel, D2PAK
June, 2019 ??Rev. 0 |
|
NVBG089N65S3F
|
226Kb / 10P |
MOSFET - Power, Single N-Channel, D2PAK-7L 650 V, 89 m, 37 A
May, 2022 - Rev. 0 |
|
NVBG095N65S3F
|
235Kb / 10P |
MOSFET - Power, Single N-Channel, D2PAK-7L 650 V, 95 m, 36 A
May, 2022 - Rev. 1 |
|
NVBG110N65S3F
|
235Kb / 10P |
MOSFET - Power, Single N-Channel, D2PAK-7L 650 V, 110 m, 30 A
May, 2022 - Rev. 0 |
|
NVBG150N65S3F
|
232Kb / 10P |
MOSFET - Power, Single N-Channel, D2PAK-7L 650 V, 150 m, 24 A
May, 2022 - Rev. 0 |
|
NVBG190N65S3F
|
236Kb / 10P |
MOSFET - Power, Single N-Channel, D2PAK-7L 650 V, 190 m, 20 A
May, 2022 - Rev. 0 |