| nhà sản xuất | tên linh kiện | bảng dữ liệu | Giải thích chi tiết về linh kiện |
 Tripp Lite. All Rights ... |
N002-001-BL
|
479Kb / 2P |
Cat5e 350MHz Molded Patch Cable (RJ45 M/M) - Blue, 1-ft.
|
 PHOENIX CONTACT |
1459553
|
54Kb / 2P |
Cable ring, black PE-X, 1-pos., cable length: 500 m
|
 Schneider Electric |
VW3CANCARR1
|
70Kb / 2P |
CANopen cable - 2 x RJ45 - cable 1 m
Sep 18, 2021 |
|
VW3CANCARR03
|
70Kb / 2P |
CANopen cable - 2 x RJ45 - cable 0.3 m
Jan 21, 2022 |
|
VW3A8306R10
|
87Kb / 2P |
cable for Modbus serial link - 2 x RJ45 - cable 1 m
Apr 19, 2022 |
|
VW3A8306TF03
|
102Kb / 2P |
Modbus ?쏷??tap-off - 1 x RJ45 male and 2 x RJ45 female - cable 0.3 m
Apr 20, 2022 |
|
VW3A8306TF10
|
103Kb / 2P |
Modbus ?쏷??tap-off - 1 x RJ45 male and 2 x RJ45 female - cable 1 m
Apr 20, 2022 |
|
TCSCCN4F3M05T
|
85Kb / 2P |
CANopen preassembled cable - for CANopen bus - 0.5 m - 1 RJ45, 1 female SUB-D 9
May 2, 2022 |
|
TCSCCN4F3M3T
|
85Kb / 2P |
CANopen cable - 1 x RJ45 - cable 3 m
May 2, 2022 |
|
VW3CANTAP2
|
108Kb / 2P |
CANopen junction box - 2 x RJ45 and 1 x RJ45
May 2, 2022 |