| nhà sản xuất | tên linh kiện | bảng dữ liệu | Giải thích chi tiết về linh kiện |
 Schneider Electric |
XBTZ9711
|
68Kb / 1P |
Modbus serial link - L = 2.5 m - 1 male RJ45 1 male SUB-D 25
Aug 10, 2019 |
|
XBTZ9733
|
85Kb / 1P |
direct connection cable - L = 2.5 m - 1 Micrologix 1000 - DF1
Aug 10, 2019 |
|
XBTZ9734
|
83Kb / 1P |
direct connection cable - L = 2.5 m - 1 male SUB-D 9 - DF1 - RS232
Aug 11, 2019 |
|
XBTZ9721
|
96Kb / 2P |
direct connection cable - L = 2.5 m - 1 male SUB-D 9 1 male SUB-D25 - PPI
May 2, 2022 |
|
XBTZ9730
|
106Kb / 2P |
direct connection cable - L = 2.5m - 1 male SUB-D 9 1 male SUB-D25 - DF1
May 2, 2022 |
|
XBTZ9731
|
106Kb / 2P |
direct connection cable - L = 2.5 m - 1 male mini DIN 1 male SUB-D25
May 2, 2022 |
|
XBTZ9732
|
94Kb / 2P |
direct connection cable - L = 2.5 m - 1 Micro-logix 1000 - DH485
May 2, 2022 |
|
XBTZ9743
|
108Kb / 2P |
direct connection cable - L = 2.5 m - 1 male SUB-D 9 - Sysmacway - RS232
Apr 27, 2022 |
|
XBTZ9780
|
107Kb / 2P |
Uni-Telway/Modbus serial link - L = 2.5 m - 1 male mini DIN 1 RJ45
May 2, 2022 |
|
XBTZG9774
|
103Kb / 2P |
Harmony XBT - direct connection cable - 5 m - 1 male connector mini DIN/SUB-D 9
May 2, 2022 |