| nhà sản xuất | tên linh kiện | bảng dữ liệu | Giải thích chi tiết về linh kiện |
 ON Semiconductor |
NTD5C446N
|
233Kb / 7P |
MOSFET ??Power, Single, N-Channel 40 V, 3.5 m, 110 A
May, 2019 ??Rev. 0 |
|
NTMFS002N10MCL
|
129Kb / 7P |
MOSFET - Power, Single N-Channel 100 V, 2.8 m, 175 A
October, 2021 ??Rev. 1 |
|
NTMFS6H824NL
|
184Kb / 7P |
MOSFET - Power, Single N-Channel 80 V, 4 m, 110 A
January, 2020-Rev. 0 |
|
NTMFS7D8N10G
|
266Kb / 8P |
MOSFET - Power, Single N-Channel, PQFN8 100 V, 7.6 m, 110 A
March, 2021-Rev. 0 |
|
NVB110N65S3F
|
242Kb / 9P |
MOSFET ??Power, Single N-Channel, D2PAK 650 V, 110 m, 30 A
November, 2020-Rev. 5 |
|
NVCR4LS2D8N08M7A
|
149Kb / 6P |
MOSFET ??Power, N-Channel 80 V, 2.8 m
February, 2022 ??Rev. 0 |
|
NVMFS6H801N
|
210Kb / 7P |
MOSFET ??Power, Single, N-Channel 80 V, 2.8 m, 157 A
August, 2020 ??Rev. 3 |
|
NVMYS2D9N04CL
|
340Kb / 7P |
MOSFET ??Power, Single N-Channel 40 V, 2.8 m, 110 A
July, 2019 ??Rev. 1 |
|
NVMFWS002N10MCL
|
159Kb / 7P |
MOSFET - Power, Single N-Channel 100 V, 2.8 m, 177 A
October, 2021 - Rev. 0 |
|
NVMJST2D6N08H
|
316Kb / 7P |
MOSFET – Power, Single N-Channel 80 V, 2.8 m, 131.5 A
October, 2022 - Rev. 0 |