| nhà sản xuất | tên linh kiện | bảng dữ liệu | Giải thích chi tiết về linh kiện |
 Fairchild Semiconductor |
FDMS8320L
|
282Kb / 7P |
N-Channel PowerTrench짰 MOSFET 40 V, 100 A, 1.1 m廓
|
 ON Semiconductor |
NTBGS001N06C
|
232Kb / 7P |
MOSFET - Power, Single N-Channel, D2PAK7 60 V, 1.1 m, 342 A
November, 2020 ??Rev. 1 |
|
NVTFS5C478NL
|
208Kb / 7P |
MOSFET ??Power, Single N-Channel 40 V, 14 m, 26 A
September, 2019 ??Rev. 2 |
|
NTMJS0D8N04CL
|
372Kb / 7P |
MOSFET ??Power, Single N-Channel 40 V, 0.72 m, 368 A
November,2019-Rev. 0 |
|
NTMJS0D9N04C
|
372Kb / 7P |
MOSFET ??Power, Single N-Channel 40 V, 0.81 m, 342 A
November, 2019-Rev. 0 |
|
NTMTS1D2N08H
|
475Kb / 7P |
MOSFET - Power, Single N-Channel 80 V, 1.1 m, 335 A
July, 2020 - Rev. 1 |
|
NTMYS4D5N04C
|
340Kb / 7P |
MOSFET ??Power, Single N-Channel 40 V, 4.5 m, 80 A
November, 2019-Rev. 0 |
|
NVMTS1D1N04C
|
321Kb / 8P |
MOSFET - Power, Single N-Channel 40 V, 1.1 m, 277 A
October, 2020 ??Rev. 0 |
|
NVMTS1D2N08H
|
406Kb / 7P |
MOSFET - Power, Single N-Channel 80 V, 1.1 m, 337 A
May, 2020 ??Rev. 1 |
|
NVMYS1D2N04CL
|
342Kb / 7P |
MOSFET ??Power, Single N-Channel 40 V, 1.1 m, 258 A
July, 2019 ??Rev. 0 |