| nhà sản xuất | tên linh kiện | bảng dữ liệu | Giải thích chi tiết về linh kiện |
 ON Semiconductor |
NTMFS6H836N
|
185Kb / 7P |
MOSFET - Power, Single N-Channel 80 V, 6.7 m, 80 A
June, 2020-Rev. 2 |
|
NTMFSC011N08M7
|
304Kb / 7P |
MOSFET - Power, Single N-Channel 80 V, 10 m, 61 A
October, 2021-Rev. 2 |
|
NTMTS1D2N08H
|
475Kb / 7P |
MOSFET - Power, Single N-Channel 80 V, 1.1 m, 335 A
July, 2020 - Rev. 1 |
|
NTMYS006N08LH
|
280Kb / 7P |
MOSFET - Power, Single N-Channel 80 V, 6.2 m, 77 A
February, 2020-Rev. 0 |
|
NTTFS004N04C
|
212Kb / 7P |
MOSFET ??Power, Single, N-Channel 40 V, 4.9 m, 77 A
June, 2019 ??Rev. 0 |
|
NVMFS6H836NL
|
187Kb / 7P |
MOSFET - Power, Single N-Channel 80 V, 6.2 m, 77 A
December, 2019?뭃ev. 0 |
|
NVMYS006N08LH
|
340Kb / 7P |
MOSFET - Power, Single N-Channel 80 V, 6.2 m, 77 A
February, 2020 - Rev. 0 |
|
NVTFS004N04C
|
216Kb / 7P |
MOSFET – Power, Single N-Channel 40 V, 4.9 m, 77 A
August, 2019 - Rev. 0 |
|
NVLJWS5D0N03CL
|
169Kb / 7P |
MOSFET - Power, Single N-Channel 30 V, 4.2 m, 77 A
June, 2022 - Rev. 0 |
|
NVMFS9D6P04M8L
|
136Kb / 7P |
MOSFET - Power, Single P-Channel -40 V, 9.5 m, -77 A
June, 2022 - Rev. 0 |