| nhà sản xuất | tên linh kiện | bảng dữ liệu | Giải thích chi tiết về linh kiện |
 ON Semiconductor |
NTHL041N60S5H
|
349Kb / 9P |
MOSFET - Power, Single N-Channel, SUPERFET V, FAST, TO247-3L 600 V, 41 m, 57 A
August, 2021-Rev. 2 |
|
NTHL099N60S5
|
267Kb / 9P |
MOSFET - Power, Single N-Channel, SUPERFET V, Easy Drive, TO247-3L 600 V, 99 m, 33 A
August, 2021 ??Rev. 2 |
|
NTHL120N60S5Z
|
348Kb / 9P |
MOSFET - Power, Single N-Channel, SUPERFET V, Easy Drive, TO247-3L 600 V, 120 m, 28 A
August, 2021 ??Rev. 1 |
|
NTHL185N60S5H
|
263Kb / 9P |
MOSFET - Power, Single N-Channel, SUPERFET V, FAST, TO247-3L 600 V, 185 m, 15 A
August, 2021-Rev. 1 |
|
NTMT061N60S5F
|
300Kb / 9P |
MOSFET - Power, Single N-Channel, SUPERFET V, FRFET, Power88 600 V, 61 m, 41 A
August, 2021-Rev. 0 |
|
NTP125N60S5FZ
|
221Kb / 9P |
MOSFET - Power, Single N-Channel, SUPERFET V, FRFET, TO220 600 V, 125 m, 22 A
August, 2021-Rev. 1 |
|
NVB055N60S5F
|
258Kb / 7P |
MOSFET - N-Channel SuperFET V, FRFET 600 V, 55 m, 45 A
April, 2022-Rev. 0 |
|
NVHL040N60S5F
|
797Kb / 9P |
MOSFET ??Single N-Channel, SUPERFET V, FRFET 600 V, 40 m, 59 A
April, 2022 ??Rev. 0 |
|
NVHL055N60S5F
|
808Kb / 9P |
MOSFET ??Single N-Channel, SUPERFET V, FRFET 600 V, 55 m, 45 A
April, 2022 ??Rev. |
|
NTHL017N60S5H
|
244Kb / 7P |
MOSFET - Power, Single N-Channel, SUPERFET, FAST, TO247 600 V, 17 m, 75 A
October, 2022 - Rev. 0 |