| nhà sản xuất | tên linh kiện | bảng dữ liệu | Giải thích chi tiết về linh kiện |
 Schneider Electric |
ZB6EH0B
|
103Kb / 4P |
Complete body for pilot lights, Harmony XB6, light block with body/fixing collar incandescent bulb <=24 V
Sep 27, 2021 |
|
ZB4BV3
|
165Kb / 5P |
Harmony XB4, Light block with body/fixing collar, metal, with BA9s bulb, 110...120 V AC
Oct 25, 2021 |
|
DL1CE048
|
121Kb / 2P |
Harmony XB4, Incandescent bulb, BA 9s, clear, 48 V AC/DC
Nov 22, 2021 |
|
9001KP6R9
|
180Kb / 4P |
round pilot light 횠 30 - red - incandescent BA 9s - 550/600 V AC- IP66
Dec 6, 2021 |
|
9001KP38C6
|
182Kb / 3P |
round pilot light 횠 30 - clear - incandescent BA 9s - 120 V AC/DC- IP66
Dec 6, 2021 |
|
DL1BEG
|
72Kb / 1P |
Tower Light and Beacons, clear incandescent bulb, BA15d, 120 V, 7 W
Aug 10, 2019 |
|
2550101002
|
121Kb / 2P |
LAMP Incandescent bulb
Jan 20, 2022 |
|
2550101025
|
116Kb / 1P |
incandescent bulb - for resistor light block - 48 V AC/DC
Jan 20, 2022 |
|
2550101027
|
121Kb / 2P |
LAMP Incandescent bulb
Jan 20, 2022 |
|
2550101037
|
119Kb / 2P |
incandescent bulb - for resistor light block - 12 V AC/DC
Jan 20, 2022 |