| nhà sản xuất | tên linh kiện | bảng dữ liệu | Giải thích chi tiết về linh kiện |
 Fairchild Semiconductor |
FDMC7664
|
251Kb / 7P |
N-Channel PowerTrench짰 MOSFET 30 V, 18.8 A, 4.2 m
|
 ON Semiconductor |
NTMFS5832NL
|
117Kb / 6P |
Power MOSFET 40 V, 111 A, 4.2 m
June, 2012 ??Rev. 1 |
|
NTMFS5832NLT1G
|
117Kb / 6P |
Power MOSFET 40 V, 111 A, 4.2 m
June, 2012 ??Rev. 1 |
|
NTMFD5C650NL
|
231Kb / 7P |
MOSFET ??Power, Dual, N-Channel 60 V, 4.2 m, 111 A
May, 2019 ??Rev. P3 |
|
NTMTSC4D2N10G
|
369Kb / 8P |
MOSFET - Power, Single N-Channel, DFNW8 100 V, 4.2 m, 178 A
May, 2021 ??Rev. 0 |
|
NVD5C454N
|
233Kb / 7P |
MOSFET ??Power, Single N-Channel 40 V, 4.2 m, 83 A
June, 2019-Rev. 0 |
|
NVMFD5C650NL
|
233Kb / 7P |
MOSFET ??Power, Dual N-Channel 60 V, 4.2 m, 111 A
July, 2019 ??Rev. P3 |
|
NVLJWS5D0N03CL
|
169Kb / 7P |
MOSFET - Power, Single N-Channel 30 V, 4.2 m, 77 A
June, 2022 - Rev. 0 |
|
NTMFS2D1N08X
|
154Kb / 7P |
MOSFET – Power, Single N-Channel, STD Gate, SO8FL 80 V, 1.9 m, 201 A
October, 2023 - Rev. 0 |
|
NVMFWS1D9N08X
|
168Kb / 7P |
MOSFET – Power, Single N-Channel, STD Gate, SO8FL 80 V, 1.9 m, 201 A
October, 2023 - Rev. 1 |