| nhà sản xuất | tên linh kiện | bảng dữ liệu | Giải thích chi tiết về linh kiện |
 Schneider Electric |
ZBY2101
|
86Kb / 2P |
Harmony XB4, Legend holder 30 x 40 mm, plastic, with legend 8 x 27 mm, unmarked
Nov 15, 2021 |
|
ZBY2113
|
89Kb / 2P |
legend holder 30 x 40 mm with legend 8 x 27 mm with marking OUVERTURE
Nov 15, 2021 |
|
ZBY2305
|
89Kb / 2P |
legend holder 30 x 40 mm with legend 8 x 27 mm with marking FORWARD
Nov 18, 2021 |
|
ZBY2H101
|
117Kb / 2P |
legend holder 30 x 40 mm with legend 8 x 27 mm unmarked
Nov 18, 2021 |
|
ZBY6H101
|
114Kb / 2P |
legend holder 30 x 50 mm with legend 18 x 27 mm unmarked
Nov 18, 2021 |
|
ZBY6H102
|
110Kb / 2P |
legend holder 30 x 50 mm with legend 18 x 27 mm unmarked
Nov 18, 2021 |
|
ZBY2313
|
88Kb / 2P |
legend holder 30 x 40 mm with legend 8 x 27 mm with marking OPEN
2 Nov 18, 2021 |
|
ZBY2314
|
88Kb / 2P |
legend holder 30 x 40 mm with legend 8 x 27 mm with marking CLOSE
Nov 18, 2021 1 |
|
ZBY4101
|
87Kb / 2P |
Harmony XB4, Legend holder 30 x 40 mm, plastic, with legend 8 x 27 mm, unmarked
Nov 22, 2021 |
|
ZBZ34
|
122Kb / 2P |
legend holder 30 x 40 mm with legend 8 x 27 mm unmarked
Nov 22, 2021 |