| nhà sản xuất | tên linh kiện | bảng dữ liệu | Giải thích chi tiết về linh kiện |
 Semtech Corporation |
EZ5Z3
|
137Kb / 5P |
1A 5V to 3.3V or Adjustable Output EZ DROPPER
|
|
EZ5Z3L
|
149Kb / 5P |
250mA 5V to 3.3V or Adjustable Output EZ DROPPER?
|
 Maxim Integrated Produc... |
MAX649
|
266Kb / 16P |
5V/3.3V/3V or Adjustable, High-Efficiency,
Rev 3; 9/97 |
|
MAX856
|
126Kb / 12P |
3.3V/5V or Adjustable-Output, Step-Up DC-DC Converters
Rev 4; 5/96 |
|
MAX866
|
139Kb / 12P |
3.3V/5V or Adjustable-Output, Single-Cell DC-DC Converters
Rev 1; 5/96 |
 First Components Intern... |
LT1085
|
5Mb / 5P |
3.0A LOW DROPOUT POSITIVE REGULATOR Adjustable Output Voltage or Fixed
|
 Maxim Integrated Produc... |
MAX20406EVKIT
|
561Kb / 7P |
Output Voltage: 3.3V/5V Fixed and Adjustable from 0.8 to 10V
Rev 3; 7/21 |
|
MAX20098EVKIT
|
1Mb / 8P |
Output Voltage: 5V or 3.3V Fixed, or Adjustable from 1V up to 10V
Rev 4; 4/19 |
|
MAX20076EVKIT
|
106Kb / 1P |
5V or 3.3V Fixed Output Voltage, or Adjustable Between 1V and 10V
|
|
MAX20075EVKIT
|
108Kb / 1P |
5V or 3.3V Fixed Output Voltage, or Adjustable Between 1V and 10V
|