| nhà sản xuất | tên linh kiện | bảng dữ liệu | Giải thích chi tiết về linh kiện |
 Schneider Electric |
RXM2AB1ED
|
210Kb / 6P |
Harmony, Miniature plug-in relay, 12 A, 2 CO, with lockable test button, 48 V DC
Aug 4, 2021 |
|
RPM12JD
|
193Kb / 6P |
Harmony, Power plug-in relay, 15 A, 1 CO, with LED, with lockable test button, 12 V DC
Aug 5, 2021 |
|
RPM21BD
|
207Kb / 6P |
Harmony, Power plug-in relay, 15 A, 2 CO, with lockable test button, 24 V DC
Aug 5, 2021 |
|
RPM21FD
|
202Kb / 6P |
Harmony, Power plug-in relay, 15 A, 2 CO, with lockable test button, 110 V DC
Aug 5, 2021 |
|
RPM22JD
|
209Kb / 6P |
Harmony, Power plug-in relay, 15 A, 2 CO, with LED, with lockable test button, 12 V DC
Aug 5, 2021 |
|
RPM32JD
|
217Kb / 6P |
Harmony, Power plug-in relay, 15 A, 3 CO, with LED, with lockable test button, 12 V DC
Aug 9, 2021 |
|
RXG21JD
|
280Kb / 7P |
Harmony, Interface plug-in relay, 5 A, 2 CO, with lockable test button, 12 V DC
Aug 11, 2021 |
|
RUMC21JD
|
187Kb / 7P |
Harmony, Universal plug-in relay, 10 A, 2 CO, with lockable test button, 12 V DC
Aug 12, 2021 |
|
RXM2AB1FD
|
210Kb / 6P |
Harmony, Miniature plug-in relay, 12 A, 2 CO, with lockable test button, 110 V DC
Aug 31, 2021 |
|
RXM2AB1JD
|
210Kb / 6P |
Harmony, Miniature plug-in relay, 12 A, 2 CO, with lockable test button, 12 V DC
Aug 31, 2021 |