| nhà sản xuất | tên linh kiện | bảng dữ liệu | Giải thích chi tiết về linh kiện |
 Tripp Lite. All Rights ... |
N37003M
|
476Kb / 2P |
Duplex Singlemode 8.3-125 Fiber Patch Cable (LC-LC), 3M (10-ft.)
|
|
N370-03M
|
162Kb / 2P |
Duplex Singlemode 8.3/125 Fiber Patch Cable (LC/LC), 3M (10-ft.)
|
 HARTING Technology Grou... |
20-76-000-0300
|
472Kb / 4P |
Fast Ethernet for Duplex LC connector Multimode Cable, 2 km
|
|
20-76-010-0300
|
515Kb / 4P |
Gigabit Ethernet for Duplex LC connector, Multimode cable 550m
|
|
20-76-020-0300
|
508Kb / 4P |
Fast Ethernet for Duplex LC connector, Singlemode Cable, 15km
|
|
20-76-024-0300
|
193Kb / 4P |
Fast Ethernet for Duplex LC connector, Singlemode Cable, 40 km
|
|
20-76-028-0300
|
193Kb / 4P |
Fast Ethernet for Duplex LC connector, Singlemode Cable, 80 km
|
|
20-76-034-0300
|
508Kb / 4P |
Gigabit Ethernet for Duplex LC connector, Singlemode Cable, 40 km
|
 Tripp Lite. All Rights ... |
N286I-1P25GLXD1
|
173Kb / 2P |
Industrial Gigabit SFP Transceiver - 1000Base-LX, Singlemode, LC Duplex, DDM, -40째 to 85째C, 10 km (6.2 mi.)
|
 Weidmuller |
2779130000
|
140Kb / 3P |
SFP transceiver, 10 Gbps, Singlemode, LC-Duplex
November 4, 2021 |