| nhà sản xuất | tên linh kiện | bảng dữ liệu | Giải thích chi tiết về linh kiện |
 ON Semiconductor |
NVD5865NLT4G
|
115Kb / 6P |
Power MOSFET 60 V, 46 A, 16 m, Single N?묬hannel
January, 2013 ??Rev. 2 |
|
NTHL020N090SC1
|
264Kb / 8P |
MOSFET ??SiC Power, Single N-Channel, TO247-3L 900 V, 20 m, 118 A
March, 2020 ??Rev. 1 |
|
NVBG020N090SC1
|
241Kb / 8P |
MOSFET ??SiC Power, Single N-Channel, D2PAK-7L 900 V, 20 m, 112 A
March, 2020 ??Rev. 1 |
|
NTBG020N090SC1
|
335Kb / 8P |
MOSFET ??SiC Power, Single N-Channel, D2PAK-7L 900 V, 20 m, 112 A
March, 2020 ??Rev. 1 |
|
NTHL040N120SC1
|
242Kb / 7P |
MOSFET - SiC Power, Single N-Channel 1200 V, 40 m, 60 A
April, 2020 ??Rev. 1 |
|
NVHL020N090SC1
|
268Kb / 8P |
MOSFET ??SiC Power, Single N-Channel, TO247-3L 900 V, 20 m, 118 A
March, 2020 ??Rev. 1 |
|
NVHL040N120SC1
|
246Kb / 7P |
MOSFET - SiC Power, Single N-Channel 1200 V, 40 m, 60 A
April, 2020 ??Rev. 1 |
|
NTBG060N090SC1
|
802Kb / 8P |
MOSFET - SiC Power, Single N-Channel, D2PAK-7L 900 V, 60 m, 44 A
March, 2020 ??Rev. 1 |
|
NVMFS016N10MCL
|
152Kb / 8P |
MOSFET ??Power, Single N-Channel 100 V, 14 m, 46 A
September, 2021-Rev. 1 |
|
NVMYS016N10MCL
|
228Kb / 6P |
MOSFET – Power, Single N-Channel 100 V, 14 m, 46 A
June, 2022 - Rev. 1 |