| nhà sản xuất | tên linh kiện | bảng dữ liệu | Giải thích chi tiết về linh kiện |
 Infineon Technologies A... |
BTS4141D
|
461Kb / 19P |
Smart High-Side Power Switch 1 Channel: 1 x 200m?
2004-01-27 |
|
BTS4141N
|
458Kb / 19P |
Smart High-Side Power Switch 1 Channel: 1 x 200m?
2004-01-27 |
|
BTS4141N
|
472Kb / 21P |
Smart High-Side Power Switch 1 Channel: 1 x 200m?
V1.1, 2009-01-12 |
|
ITS4141D
|
444Kb / 19P |
Smart High-Side Power Switch for Industrial Applications 1 Channel: 1 x 200m廓
2006-03-22 |
|
BTS5200-1ENA
|
1Mb / 45P |
Smart High-Side Power Switch Single Channel, 200m廓
Rev. 1.0 2018-05-14 |
|
BTT6010-1ERB
|
1Mb / 47P |
Smart High-Side Power Switch, Single Channel 10m廓
Rev. 1.00 2019-03-09 |
|
BTT6030-2ERA
|
1Mb / 55P |
Smart High-Side Power Switch Single Channel, 32m廓
Rev.1.00 2019-03-09 |
|
BTT6020-1ERA
|
1Mb / 53P |
Smart High-Side Power Switch Single Channel, 20m廓
Rev.1.00 2019-03-09 |
|
BTT6200-1ENA
|
1Mb / 46P |
Smart High-Side Power Switch Single Channel, 200m廓
Rev. 1.0 2018-05-14 |
|
BTT6050-1ERA
|
1Mb / 53P |
Smart High-Side Power Switch Single Channel, 50m廓
Rev.1.00 2019-03-09 |