| nhà sản xuất | tên linh kiện | bảng dữ liệu | Giải thích chi tiết về linh kiện |
 Neutrik AG |
NP3TT-1-R
|
60Kb / 3P |
4.4 mm (0.173") tiny telefone plug bantam type, solder termination for T R, crimp termination for S, HEX crimp cable strain relief, red plastic housing, nickel contacts. Ideal use with TT patch panels.
|
|
NP3TT-2
|
61Kb / 3P |
3 pole, dual, 4.4 mm (0.173") tiny telefone plug bantam type, solder termination for TR, hex crimp of S, black plastic housing, nickel contacts
|
|
NP3TT-AU-B
|
61Kb / 3P |
4.4 mm (0.173") tiny telefone plug bantam type, solder termination for T R, crimp termination for S, HEX crimp cable strain relief, black plastic housing, gold contacts. Ideal use with TT patch panels.
|
|
NP3TT-AU-R
|
62Kb / 3P |
4.4 mm (0.173") tiny telefone plug bantam type, solder termination for T R, crimp termination for S, HEX crimp cable strain relief, red plastic housing, gold contact. Ideal use with TT patch panels.
|
|
NP3TT-P-AU-B
|
62Kb / 3P |
4.4 mm (0.173") tiny telefone plug bantam type, solder termination for TR, hex crimp of S with a standard RG58 crimp tool, black plastic housing, gold contacts. Ideal use with TT patch panels.
|
|
NP3TT-P-AU-R
|
45Kb / 3P |
4.4 mm (0.173") tiny telefone plug bantam type, solder termination for TR, hex crimp of S with a standard RG58 crimp tool, red plastic housing, gold contacts. Ideal use with TT patch panels.
|
|
NP3TT-P-B
|
58Kb / 3P |
4.4 mm (0.173") tiny telefone plug bantam type, solder termination for TR, hex crimp of S with a standard RG58 crimp tool, black plastic housing, Nickel contacts. Ideal use with TT patch panels.
|
|
NP3TT-P-R
|
59Kb / 3P |
4.4 mm (0.173") tiny telefone plug bantam type
|
|
NTP3RC
|
76Kb / 2P |
3 pole 3.5 mm audio plug, solder termination, chuck type strain relief, bushing, nickel housing, nickel contacts
|
|
NTP3RC-B
|
75Kb / 2P |
3 pole 3.5 mm audio plug, solder termination, chuck type strain relief, bushing, black housing, gold contacts
|