| nhà sản xuất | tên linh kiện | bảng dữ liệu | Giải thích chi tiết về linh kiện |
 List of Unclassifed Man... |
632905731122
|
343Kb / 2P |
CABLE USB 3.1 C MALE TO USB 3.0 A FEMALE
|
|
632910731131
|
314Kb / 2P |
CABLE USB 3.1 C MALE TO USB 3.1 A MALE
|
 Wurth Elektronik GmbH &... |
632905731122
|
388Kb / 2P |
CABLE USB 3.1 C MALE TO USB 3.0 A FEMALE
|
|
632910731131
|
360Kb / 2P |
CABLE USB 3.1 C MALE TO USB 3.1 A MALE
|
 Tripp Lite. All Rights ... |
U324-003-BK
|
170Kb / 3P |
USB 3.0 SuperSpeed Extension Cable - USB-A to USB-A, M/F, Black, 3 ft. (0.9 m)
|
|
U325-000-IND
|
167Kb / 3P |
USB 3.0 Coupler, SuperSpeed, 3.0/3.1, Industrial - USB-A F/F, Shielded, IP67, Dust Cap, TAA
|
|
U325-003-IND
|
165Kb / 3P |
USB-A Male to USB-A Male Cable, SuperSpeed, 3.0/3.1, Industrial, 3 ft. (1 m) - IP67, Shielded, TAA
|
|
U325-006-IND
|
167Kb / 3P |
USB-A Male to USB-A Male Cable, SuperSpeed, 3.0/3.1, Industrial, 6 ft. (1.8 m) - IP67, Shielded, TAA
|
|
U325-013-IND
|
167Kb / 3P |
USB-A Male to USB-A Male Cable, SuperSpeed, 3.0/3.1, Industrial, 13 ft. (4 m) - IP67, Shielded, TAA
|
|
U320-003-BK
|
166Kb / 3P |
USB 3.0 SuperSpeed A/A Cable (M/M), Black, 3 ft.
|