| nhà sản xuất | tên linh kiện | bảng dữ liệu | Giải thích chi tiết về linh kiện |
 Maxim Integrated Produc... |
MAX17613BEVKIT
|
706Kb / 12P |
MAX17613B - 4.5V to 60V, 3A, OV, UV Protector with Forward Current Limit
Rev 0; 4/19 |
|
MAX17613AEVKIT
|
699Kb / 12P |
MAX17613A - 4.5V to 60V, 3A Current-Limiter with OV, UV and Reverse Protection
Rev 0; 4/19 |
|
MAX17612CEVKIT
|
443Kb / 8P |
MAX17612C 4.5V to 60V, 250mA, Current-Limiter with Reverse Protection
Rev 0; 9/18 |
|
MAX17612BEVKIT
|
729Kb / 9P |
MAX17612B 4.5V to 60V, 250mA, Current-Limiter with OV, UV Protection
Rev 0; 9/18 |
|
MAX17612AEVKIT
|
785Kb / 9P |
MAX17612A 4.5V to 60V, 250mA, Current-Limiter with OV, UV, and Reverse Protection
Rev 1; 8/18 |
|
MAX17526AEVKIT
|
960Kb / 12P |
MAX17526A ??5.5V to 60V, 6A Current Limiter with OV, UV, Reverse Protection, and Power Limit
Rev 0; 6/18 |
|
MAX17608
|
619Kb / 21P |
4.5V to 60V, 1A Current Limiter with OV, UV, and Reverse Protection
Rev 1; 6/18 |
|
MAX17526A
|
772Kb / 27P |
5.5V to 60V, 6A Current-Limiter with OV, UV, Reverse Protection, and Power Limit
Rev 1; 11/18 |
|
MAX17612A
|
585Kb / 21P |
4.5V to 60V, 250mA Current-Limiter with OV, UV, and Reverse Protection
19-100363; Rev 0; 6/18 |
|
MAX17526A
|
994Kb / 27P |
5.5V to 60V, 6A Current-Limiter with OV, UV, Reverse Protection, and Power Limit
2021 |